Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129AT Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PCF2129AT
Description  Integrated RTC, TCXO and quartz crystal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129AT Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PCF2129AT Datasheet HTML 42Page - NXP Semiconductors PCF2129AT Datasheet HTML 43Page - NXP Semiconductors PCF2129AT Datasheet HTML 44Page - NXP Semiconductors PCF2129AT Datasheet HTML 45Page - NXP Semiconductors PCF2129AT Datasheet HTML 46Page - NXP Semiconductors PCF2129AT Datasheet HTML 47Page - NXP Semiconductors PCF2129AT Datasheet HTML 48Page - NXP Semiconductors PCF2129AT Datasheet HTML 49Page - NXP Semiconductors PCF2129AT Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
PCF2129A_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 13 January 2010
46 of 68
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
Table 49.
Command byte definition
Bit
Symbol
Value
Description
7R/W
data read or write selection
0
write data
1
read data
6 to 5
SA
01
subaddress;
other codes will cause the device to ignore data
transfer
4 to 0
RA
00h to 1Dh register address range
In this example, the register Seconds is set to 45 seconds and the register Minutes to 10 minutes.
Fig 29. SPI-bus write example
001aaj348
seconds data 45BCD
minutes data 10BCD
addr 34bin
R/W
02
xx
03
04
SCL
SDI
SDA/CE
address
counter
b7
0
b6
0
b5
1
b4
0
b3
0
b2
0
b1
1
b0
0
b7
0
b6
1
b5
0
b4
0
b3
0
b2
1
b1
0
b0
1
b7
0
b6
0
b5
0
b4
1
b3
0
b2
0
b1
0
b0
0
In this example, the registers Months and Years are read. The pins SDI and SDO are not connected together. For this
configuration, it is important that pin SDI is never left floating. It must always be driven either HIGH or LOW. If pin SDI is left
open, high IDD currents may result.
Fig 30. SPI-bus read example
001aaj349
months data 11BCD
years data 06BCD
addr 34bin
R/W
02
xx
03
09
SCL
SDI
SDA/CE
address
counter
b7
1
b6
0
b5
1
b4
0
b3
0
b2
0
b1
1
b0
0
b7
0
b6
0
b5
0
b4
1
b3
0
b2
0
b1
0
b0
1
b7
0
b6
0
b5
0
b4
0
b3
0
b2
1
b1
1
b0
0
SDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com