Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129AT Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF2129AT
Description  Integrated RTC, TCXO and quartz crystal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129AT Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF2129AT Datasheet HTML 29Page - NXP Semiconductors PCF2129AT Datasheet HTML 30Page - NXP Semiconductors PCF2129AT Datasheet HTML 31Page - NXP Semiconductors PCF2129AT Datasheet HTML 32Page - NXP Semiconductors PCF2129AT Datasheet HTML 33Page - NXP Semiconductors PCF2129AT Datasheet HTML 34Page - NXP Semiconductors PCF2129AT Datasheet HTML 35Page - NXP Semiconductors PCF2129AT Datasheet HTML 36Page - NXP Semiconductors PCF2129AT Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
PCF2129A_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 13 January 2010
33 of 68
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
8.11 Timestamp function
The PCF2129A has an active LOW timestamp input pin TS, internally pulled with an
on-chip pull-up resistor to the internal power supply of the device. It also has a timestamp
detection circuit which can detect two different events:
1. input on the pin TS is driven to an intermediate level between the power supply and
ground.
2. input on the pin TS is driven to ground.
The timestamp function is enabled by default after power-on and it can be switched off by
setting the control bit TSOFF (register Timestp_ctl).
A most common application of the timestamp function is described in the application note
Ref. 3 “AN10857”.
See Section 8.12.5 for a description of interrupt generation from the timestamp function.
8.11.1 Timestamp flag
1. When the TS input pin is driven to an intermediate level between the power supply
and ground then the following sequence occurs:
a. The actual date and time are stored in the timestamp registers.
b. The timestamp flag TSF1 (register Control_1) is set.
c. If the TSIE bit (register Control_2) is active, an interrupt on the INT pin is
generated.
The TSF1 flag can be cleared by using the interface. Clearing the flag will clear the
interrupt. Once TSF1 is cleared it will only be set again when a new negative edge on
pin TS is detected.
2. When the TS input pin is driven to ground the following sequence occurs:
a. The actual date and time are stored in the timestamp registers.
b. In addition to the TSF1 flag, the TSF2 flag (register Control_3) is set.
c. If the TSIE bit is active, an interrupt on the INT pin is generated.
Fig 18. Timestamp detection with two push-buttons on one the TS pin (e.g. for tamper
detection)
116
PCF212xA
215
314
413
512
611
710
89
TS
VSS
VDD
013aaa176
R2 =
200 k
Ω
± 5 %
R1 =
200 k
Ω
± 20 %
push-button 1
connected to
cover 1
push-button 2
connected to
cover 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com