Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129AT Datasheet(PDF) 65 Page - NXP Semiconductors

Part # PCF2129AT
Description  Integrated RTC, TCXO and quartz crystal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129AT Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button PCF2129AT Datasheet HTML 60Page - NXP Semiconductors PCF2129AT Datasheet HTML 61Page - NXP Semiconductors PCF2129AT Datasheet HTML 62Page - NXP Semiconductors PCF2129AT Datasheet HTML 63Page - NXP Semiconductors PCF2129AT Datasheet HTML 64Page - NXP Semiconductors PCF2129AT Datasheet HTML 65Page - NXP Semiconductors PCF2129AT Datasheet HTML 66Page - NXP Semiconductors PCF2129AT Datasheet HTML 67Page - NXP Semiconductors PCF2129AT Datasheet HTML 68Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
PCF2129A_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 13 January 2010
65 of 68
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
22. Tables
Table 1.
Ordering information . . . . . . . . . . . . . . . . . . . . . .2
Table 2.
Marking codes . . . . . . . . . . . . . . . . . . . . . . . . . .2
Table 3.
Pin description of PCF2129A . . . . . . . . . . . . . .4
Table 4.
Register overview . . . . . . . . . . . . . . . . . . . . . . .6
Table 5.
Control_1 - control and status register 1
(address 00h) bit description . . . . . . . . . . . . . . .8
Table 6.
Control_2 - control and status register 2
(address 01h) bit description . . . . . . . . . . . . . . .9
Table 7.
Control_3 - control and status register 3
(address 0Fh) bit description . . . . . . . . . . . . . .10
Table 8.
CLKOUT_ctl - CLKOUT control register
(address 03h) bit description . . . . . . . . . . . . . . 11
Table 9.
Temperature measurement period . . . . . . . . . . 11
Table 10. CLKOUT frequency selection . . . . . . . . . . . . . .12
Table 11. Aging_offset - crystal aging offset register
(address 19h) bit description . . . . . . . . . . . . . .13
Table 12. Frequency correction at 25 ×C, typical . . . . . .13
Table 13. Power management control bit description. . . .14
Table 14. Output pin BBS . . . . . . . . . . . . . . . . . . . . . . . . .17
Table 15. Seconds - seconds and clock integrity
register (address 03h) bit description . . . . . . . .22
Table 16. Seconds coded in BCD format . . . . . . . . . . . .22
Table 17. Minutes - minutes register (address 04h)
bit description . . . . . . . . . . . . . . . . . . . . . . . . . .22
Table 18. Hours - hours register (address 05h)
bit description . . . . . . . . . . . . . . . . . . . . . . . . .23
Table 19. Days - days register (address 06h)
bit description . . . . . . . . . . . . . . . . . . . . . . . . . .23
Table 20. Weekdays - weekdays register
(address 07h) bit description . . . . . . . . . . . . . .23
Table 21. Weekday assignments . . . . . . . . . . . . . . . . . . .23
Table 22. Months - months register (address 08h)
bit description . . . . . . . . . . . . . . . . . . . . . . . . . .24
Table 23. Month assignments in BCD format . . . . . . . . . .24
Table 24. Years - years register (address 09h)
bit description . . . . . . . . . . . . . . . . . . . . . . . . . .24
Table 25. Second_alarm - second alarm register
(address 0Ah) bit description . . . . . . . . . . . . . .27
Table 26. Minute_alarm - minute alarm register
(address 0Bh) bit description . . . . . . . . . . . . . .27
Table 27. Hour_alarm - hour alarm register
(address 0Ch) bit description . . . . . . . . . . . . . .27
Table 28. Day_alarm - day rearm register
(address 0Dh) bit description . . . . . . . . . . . . . .28
Table 29. Weekday_alarm - weekday alarm register
(address 0Eh) bit description . . . . . . . . . . . . . .28
Table 30. Watchdg_tim_ctl - watchdog timer control
register (address 10h) bit description . . . . . . .29
Table 31. Watchdg_tim_val - watchdog timer value
register (address 11h) bit description . . . . . . . .29
Table 32. Programmable watchdog timer. . . . . . . . . . . . .30
Table 33. Flag location in register Control_2 . . . . . . . . . .32
Table 34. Example values in register Control_2 . . . . . . . .32
Table 35. Example to clear only AF (bit 4) . . . . . . . . . . . .32
Table 36. Example to clear only MSF (bit 7). . . . . . . . . . .32
Table 37. Timestp_ctl - timestamp control register
(address 12h) bit description . . . . . . . . . . . . . . 34
Table 38. Sec_timestp - second timestamp register
(address 13h) bit description . . . . . . . . . . . . . . 34
Table 39. Min_timestp - minute timestamp register
(address 14h) bit description . . . . . . . . . . . . . . 34
Table 40. Hour_timestp - hour timestamp register
(address 15h) bit description . . . . . . . . . . . . . . 35
Table 41. Day_timestp - day timestamp register
(address 16h) bit description . . . . . . . . . . . . . . 35
Table 42. Mon_timestp - month timestamp register
(address 17h) bit description . . . . . . . . . . . . . . 35
Table 43. Year_timestp - year timestamp register
(address 18h) bit description . . . . . . . . . . . . . . 35
Table 44. Battery switch-over and timestamp . . . . . . . . . 36
Table 45. Effect of bits MI and SI on pin INT and
bit MSF. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Table 46. First increment of time circuits after
stop release . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Table 47. Interface selection input pin IFS. . . . . . . . . . . . 44
Table 48. Serial interface . . . . . . . . . . . . . . . . . . . . . . . . . 45
Table 49. Command byte definition . . . . . . . . . . . . . . . . . 46
Table 50. I2C slave address byte . . . . . . . . . . . . . . . . . . . 49
Table 51. Limiting values . . . . . . . . . . . . . . . . . . . . . . . . . 51
Table 52. Static characteristics . . . . . . . . . . . . . . . . . . . . 52
Table 53. Frequency characteristics . . . . . . . . . . . . . . . . 55
Table 54. SPI-bus characteristics . . . . . . . . . . . . . . . . . . 56
Table 55. I2C-bus characteristics . . . . . . . . . . . . . . . . . . . 58
Table 56. Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 61
Table 57. Revision history . . . . . . . . . . . . . . . . . . . . . . . . 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com