Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129AT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF2129AT
Description  Integrated RTC, TCXO and quartz crystal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129AT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF2129AT Datasheet HTML 3Page - NXP Semiconductors PCF2129AT Datasheet HTML 4Page - NXP Semiconductors PCF2129AT Datasheet HTML 5Page - NXP Semiconductors PCF2129AT Datasheet HTML 6Page - NXP Semiconductors PCF2129AT Datasheet HTML 7Page - NXP Semiconductors PCF2129AT Datasheet HTML 8Page - NXP Semiconductors PCF2129AT Datasheet HTML 9Page - NXP Semiconductors PCF2129AT Datasheet HTML 10Page - NXP Semiconductors PCF2129AT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
PCF2129A_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 13 January 2010
7 of 68
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
CLKOUT control register
0Fh
CLKOUT_ctl
TCR[1:0]
---COF[2:0]
00 - - - 000
Watchdog registers
10h
Watchdg_tim_ctl
WD_CD T
TI_TP
-
-
-
TF[1:0]
000 - - - 11
11h
Watchdg_tim_val WATCHDG_TIM_VAL[7:0]
XXXX XXXX
Timestamp registers
12h
Timestp_ctl
TSM
TSOFF
-
1_O_16_TIMESTP[4:0]
00 - X XXXX
13h
Sec_timestp
-
SECOND_TIMESTP (0 to 59)
- XXX XXXX
14h
Min_timestp
-
MINUTE_TIMESTP (0 to 59)
- XXX XXXX
15h
Hour_timestp
-
-
AMPM
HOUR_TIMESTP (1 to 12) in 12 h mode
- - XX XXXX
HOUR_TIMESTP (0 to 23) in 24 h mode
- - XX XXXX
16h
Day_timestp
-
-
DAY_TIMESTP (1 to 31)
- - XX XXXX
17h
Mon_timestp
---MONTH_TIMESTP (1 to 12)
- - - X XXXX
18h
Year_timestp
YEAR_TIMESTP (0 to 99)
XXXX XXXX
Aging offset register
19h
Aging_offset
----AO[3:0]
- - - - 1000
Internal registers
1Ah
Internal_reg
--------- - - - - - - -
1Bh
Internal_reg
--------- - - - - - - -
Table 4.
Register overview …continued
Bit positions labeled as - are not implemented and will return 0 when read. Bits labeled as T must always be written with
logic 0. Bits labeled as X are undefined at power-on and unchanged by subsequent resets.
Address Register name
Bit
Reset value
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com