Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129AT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF2129AT
Description  Integrated RTC, TCXO and quartz crystal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129AT Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF2129AT Datasheet HTML 1Page - NXP Semiconductors PCF2129AT Datasheet HTML 2Page - NXP Semiconductors PCF2129AT Datasheet HTML 3Page - NXP Semiconductors PCF2129AT Datasheet HTML 4Page - NXP Semiconductors PCF2129AT Datasheet HTML 5Page - NXP Semiconductors PCF2129AT Datasheet HTML 6Page - NXP Semiconductors PCF2129AT Datasheet HTML 7Page - NXP Semiconductors PCF2129AT Datasheet HTML 8Page - NXP Semiconductors PCF2129AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
PCF2129A_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 13 January 2010
5 of 68
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
8.
Functional description
The PCF2129A is a Real Time Clock and calendar (RTC) with an on-chip Temperature
Compensated crystal (Xtal) Oscillator (TCXO) and a 32.768 kHz quartz crystal integrated
into the same package.
Address and data are transferred by a selectable 1 MHz Fast-mode Plus (Fm+) I2C-bus or
a 3 line SPI-bus with separate data input and output (see Section 9). The maximum speed
of the SPI-bus is 6.5 Mbit/s.
The PCF2129A contains 28 8-bit registers, that are used for many different functions,
such as clock, alarm, watchdog, timestamp etc. (see Section 8.1).
The PCF2129A has a backup battery input pin and backup battery switch-over circuit
which monitors the main power supply and automatically switches to the backup battery
when a power failure condition is detected (see Section 8.5.1). Accurate timekeeping is
maintained even when the main power supply is interrupted.
A battery low detection circuit monitors the status of the battery (see Section 8.5.3). When
the battery voltage goes below a threshold value, a flag is set to indicate that the battery
must be replaced soon. This ensures the integrity of the data during periods of battery
backup.
8.1 Register overview
The PCF2129A contains 28 8-bit registers (see Table 4) with an auto-incrementing
address register: the built-in address register will increment automatically after each read
or write of a data byte up to the register 1Bh. After register 1Bh the auto-incrementing will
wrap around to address 00h.
• The first three registers (memory address 00h, 01h, and 02h) are used as control
registers (see Section 8.2).
• The memory addresses 03h through to 09h are used as counters for the clock
function (seconds up to years). The date is automatically adjusted for months with
fewer than 31 days, including corrections for leap years. The clock can operate in
12-hour mode with an AM/PM indication or in 24-hour mode (see Section 8.8).
• Addresses 0Ah through 0Eh define the alarm function. It can be selected that an
interrupt is generated when an alarm event occurs (see Section 8.9).
• The register 0Fh defines the temperature measurement period and the clock out
mode. The temperature measurement can be selected from every 4 minutes (default)
down to every 30 seconds (see Table 9). CLKOUT frequencies of 32.768 kHz
(default) down to 1 Hz for use as a system clock, a microcontroller clock etc. can be
chosen (see Section 8.3.2).
• Address registers 10h and 11h are used for the watchdog timer functions. The
watchdog timer has four selectable source clocks allowing for timer periods from less
than 1 ms to greater than 4 hours. An interrupt will be generated when the watchdog
times out.
• Address registers 12h to 18h are used for the timestamp function. When the trigger
event happens, the actual time is saved in the timestamp registers (see Section 8.11).
• Address register 19h is used for the correction of the crystal aging effect (see
Section 8.4.1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com