Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129AT Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCF2129AT
Description  Integrated RTC, TCXO and quartz crystal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129AT Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCF2129AT Datasheet HTML 30Page - NXP Semiconductors PCF2129AT Datasheet HTML 31Page - NXP Semiconductors PCF2129AT Datasheet HTML 32Page - NXP Semiconductors PCF2129AT Datasheet HTML 33Page - NXP Semiconductors PCF2129AT Datasheet HTML 34Page - NXP Semiconductors PCF2129AT Datasheet HTML 35Page - NXP Semiconductors PCF2129AT Datasheet HTML 36Page - NXP Semiconductors PCF2129AT Datasheet HTML 37Page - NXP Semiconductors PCF2129AT Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
PCF2129A_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 13 January 2010
34 of 68
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
The TSF1 and TSF2 flags can be cleared by using the interface; clearing both flags
will clear the interrupt. Once TSF2 is cleared it will only be set again when pin TS is
driven to ground once again.
8.11.2 Timestamp mode
The timestamp function has two different modes selected by the control bit TSM
(timestamp mode) in register Timestp_ctl:
• If TSM is logic 0 (default): in subsequent trigger events without clearing the timestamp
flags, the last timestamp event is stored
• If TSM is logic 1: in subsequent trigger events without clearing the timestamp flags,
the first timestamp event is stored
The timestamp function also depends on the control bit BTSE (battery switch timestamp
enable) in register Control_3, see Section 8.11.4.
8.11.3 Timestamp registers
8.11.3.1
Register Timestp_ctl
[1]
Default value.
8.11.3.2
Register Sec_timestp
8.11.3.3
Register Min_timestp
Table 37.
Timestp_ctl - timestamp control register (address 12h) bit description
Bit
Symbol
Value Description
7TSM
0[1]
in subsequent events without clearing the timestamp
flags, the last event is stored
1
in subsequent events without clearing the timestamp
flags, the first event is stored
6TSOFF
0[1]
timestamp function active
1
timestamp function disabled
5
-
-
unused
4 to 0 1_O_16_TIMESTP[4:0]
1
⁄
16 second timestamp information coded in BCD format
Table 38.
Sec_timestp - second timestamp register (address 13h) bit description
Bit
Symbol
Value
Place value Description
7
-
-
-
unused
6 to 4 SECOND_TIMESTP 0 to 5
ten’s place
second timestamp information coded in
BCD format
3to0
0to9
unit place
Table 39.
Min_timestp - minute timestamp register (address 14h) bit description
Bit
Symbol
Value
Place value Description
7
-
-
-
unused
6 to 4 MINUTE_TIMESTP
0 to 5
ten’s place
minute timestamp information coded in
BCD format
3to0
0to9
unit place



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com