Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129AT Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF2129AT
Description  Integrated RTC, TCXO and quartz crystal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129AT Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF2129AT Datasheet HTML 10Page - NXP Semiconductors PCF2129AT Datasheet HTML 11Page - NXP Semiconductors PCF2129AT Datasheet HTML 12Page - NXP Semiconductors PCF2129AT Datasheet HTML 13Page - NXP Semiconductors PCF2129AT Datasheet HTML 14Page - NXP Semiconductors PCF2129AT Datasheet HTML 15Page - NXP Semiconductors PCF2129AT Datasheet HTML 16Page - NXP Semiconductors PCF2129AT Datasheet HTML 17Page - NXP Semiconductors PCF2129AT Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
PCF2129A_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 13 January 2010
14 of 68
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
8.5 Power management functions
The PCF2129A has two power supply pins and one power output pin:
VDD - the main power supply input pin
VBAT - the battery backup input pin
BBS - battery backed output voltage pin (equal to the internal power supply)
The PCF2129A has two power management functions implemented:
Battery switch-over function
Battery low detection function
The power management functions are controlled by the control bits PWRMNG[2:0] in
register Control_3:
[1]
Default value.
[2]
When the battery switch-over function is disabled, the PCF2129A works only with the power supply VDD;
VBAT must be put to ground and the battery low detection function is disabled.
8.5.1 Battery switch-over function
The PCF2129A has a backup battery switch-over circuit which monitors the main power
supply VDD and automatically switches to the backup battery when a power failure
condition is detected.
One of two operation modes can be selected:
Standard mode: the power failure condition happens when:
VDD < VBAT AND VDD <Vth(sw)bat
Direct switching mode: the power failure condition happens when VDD < VBAT.
Direct switching from VDD to VBAT without requiring VDD to drop below Vth(sw)bat
Vth(sw)bat is the battery switch threshold voltage. Typical value is 2.5 V.
Table 13.
Power management control bit description
PWRMNG[2:0]
Function
000
[1]
battery switch-over function is enabled in standard mode;
battery low detection function is enabled
001
battery switch-over function is enabled in standard mode;
battery low detection function is disabled
010
battery switch-over function is enabled in standard mode;
battery low detection function is disabled
011
battery switch-over function is enabled in direct switching mode;
battery low detection function is enabled
100
battery switch-over function is enabled in direct switching mode;
battery low detection function is disabled
101
battery switch-over function is enabled in direct switching mode;
battery low detection function is disabled
111
[2]
battery switch-over function is disabled, only one power supply (VDD);
battery low detection function is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com