Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129AT Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCF2129AT
Description  Integrated RTC, TCXO and quartz crystal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129AT Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCF2129AT Datasheet HTML 34Page - NXP Semiconductors PCF2129AT Datasheet HTML 35Page - NXP Semiconductors PCF2129AT Datasheet HTML 36Page - NXP Semiconductors PCF2129AT Datasheet HTML 37Page - NXP Semiconductors PCF2129AT Datasheet HTML 38Page - NXP Semiconductors PCF2129AT Datasheet HTML 39Page - NXP Semiconductors PCF2129AT Datasheet HTML 40Page - NXP Semiconductors PCF2129AT Datasheet HTML 41Page - NXP Semiconductors PCF2129AT Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
PCF2129A_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 13 January 2010
38 of 68
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
The control bit TI_TP (register Watchdg_tim_ctl) is used to configure whether the
interrupts generated from the second/minute timer (flag MSF in register Control_2) are
pulsed signals or a permanently active signal. All the other interrupt sources generate a
permanently active interrupt signal which follows the status of the corresponding flags.
When the interrupt sources are all disabled, INT remains high-impedance.
• The flags MSF, AF, TSFx, and BF can be cleared by using the interface.
• The flag WDTF is read only. How it can be cleared is explained in Section 8.10.5.
• The flag BLF is read only. It is cleared automatically from the battery low detection
circuit when the battery is replaced.
8.12.1 Minute and second interrupts
Minute and second interrupts are generated by predefined timers. The timers can be
enabled independently from one another by the bits MI and SI in register Control_1.
However, a minute interrupt enabled on top of a second interrupt will not be
distinguishable since it will occur at the same time.
The minute/second flag MSF (register Control_2) is set logic 1 when either the seconds or
the minutes counter increments according to the actually enabled interrupt (see Table 45).
The MSF flag can be read and cleared by the interface.
When MSF is set logic 1:
• If TI_TP is logic 1 the interrupt is generated as a pulsed signal.
• If TI_TP is logic 0 the interrupt is permanently active signal that remains until MSF is
cleared.
Table 45.
Effect of bits MI and SI on pin INT and bit MSF
MI
SI
Result on INT
Result on MSF
0
0
no interrupt generated
MSF never set
1
0
an interrupt once per minute
MSF set when minutes counter increments
0
1
an interrupt once per second
MSF set when seconds counter increments
1
1
an interrupt once per second
MSF set when seconds counter increments
In this example, bit TI_TP is logic 1 and the MSF flag is not cleared after an interrupt.
Fig 20. INT example for SI and MI when TI_TP is logic 1
001aaf905
58
59
59
00
11
seconds counter
minutes counter
INT when SI enabled
MSF when SI enabled
INT when only MI enabled
MSF when only MI enabled
12
00
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com