Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129AT Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF2129AT
Description  Integrated RTC, TCXO and quartz crystal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129AT Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF2129AT Datasheet HTML 9Page - NXP Semiconductors PCF2129AT Datasheet HTML 10Page - NXP Semiconductors PCF2129AT Datasheet HTML 11Page - NXP Semiconductors PCF2129AT Datasheet HTML 12Page - NXP Semiconductors PCF2129AT Datasheet HTML 13Page - NXP Semiconductors PCF2129AT Datasheet HTML 14Page - NXP Semiconductors PCF2129AT Datasheet HTML 15Page - NXP Semiconductors PCF2129AT Datasheet HTML 16Page - NXP Semiconductors PCF2129AT Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
PCF2129A_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 13 January 2010
13 of 68
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
8.4 Register Aging_offset
8.4.1 Crystal aging correction
The PCF2129A has an aging offset register Aging_offset to correct the crystal aging
effects2.
The accuracy of the frequency of a quartz crystal depends on the aging. Crystal suppliers
usually specify the first year aging (typically
±1 ppm, maximum ±3 ppm) and/or the 10
years aging (typically
±5 ppm). The aging offset adds an offset, positive or negative, in the
temperature compensation circuits which allows to correct the aging effect.
The change in ppm per AO[3:0] value is different at different temperatures. At 25
°C, the
aging offset bits allow a frequency correction of typically 1 ppm per AO[3:0] value, from
−7ppm to +8 ppm.
[1]
Default value.
Table 11.
Aging_offset - crystal aging offset register (address 19h) bit description
Bit
Symbol
Value
Description
7 to 4 -
-
unused
3 to 0 AO[3:0]
see Table 12 aging offset value
2.
For further information please refer to the application note Ref. 3 “AN10857”.
Table 12.
Frequency correction at 25
°C, typical
AO[3:0]
ppm
Decimal
Binary
00000
+8
10001
+7
20010
+6
30011
+5
40100
+4
50101
+3
60110
+2
70111
+1
81000
[1]
0
91001
−1
10
1010
−2
11
1011
−3
12
1100
−4
13
1101
−5
14
1110
−6
15
1111
−7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com