Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2129AT Datasheet(PDF) 66 Page - NXP Semiconductors

Part # PCF2129AT
Description  Integrated RTC, TCXO and quartz crystal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2129AT Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button PCF2129AT Datasheet HTML 60Page - NXP Semiconductors PCF2129AT Datasheet HTML 61Page - NXP Semiconductors PCF2129AT Datasheet HTML 62Page - NXP Semiconductors PCF2129AT Datasheet HTML 63Page - NXP Semiconductors PCF2129AT Datasheet HTML 64Page - NXP Semiconductors PCF2129AT Datasheet HTML 65Page - NXP Semiconductors PCF2129AT Datasheet HTML 66Page - NXP Semiconductors PCF2129AT Datasheet HTML 67Page - NXP Semiconductors PCF2129AT Datasheet HTML 68Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 66 / 68 page
background image
PCF2129A_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 13 January 2010
66 of 68
NXP Semiconductors
PCF2129A
Integrated RTC, TCXO and quartz crystal
23. Figures
Fig 1.
Block diagram of PCF2129A . . . . . . . . . . . . . . . . .3
Fig 2.
Pin configuration for PCF2129A (SO20) . . . . . . . .4
Fig 3.
Handling address registers . . . . . . . . . . . . . . . . . .6
Fig 4.
Battery switch-over behavior in standard
mode with bit BIE logic 1 (enabled) . . . . . . . . . . .15
Fig 5.
Battery switch-over behavior in direct switching
mode with bit BIE logic 1 (enabled) . . . . . . . . . . .16
Fig 6.
Battery switch-over circuit, simplified block
diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .17
Fig 7.
Typical driving capability of VBBS: (VBBS - VDD)
with respect to the output load current IBBS . . . . .17
Fig 8.
Battery low detection behavior with bit BLIE
logic 1 (enabled) . . . . . . . . . . . . . . . . . . . . . . . . .18
Fig 9.
Power failure event due to battery discharge:
reset occurs . . . . . . . . . . . . . . . . . . . . . . . . . . . . .19
Fig 10. Dependency between POR and oscillator . . . . . .20
Fig 11. Power-On Reset (POR) system. . . . . . . . . . . . . .20
Fig 12. Power-On Reset Override (PORO) sequence,
valid for both I2C-bus and SPI-bus . . . . . . . . . . .21
Fig 13. Data flow of the time function. . . . . . . . . . . . . . . .25
Fig 14. Access time for read/write operations . . . . . . . . .25
Fig 15. Alarm function block diagram. . . . . . . . . . . . . . . .26
Fig 16. Alarm flag timing diagram . . . . . . . . . . . . . . . . . .28
Fig 17. WD_CD set logic 1: watchdog activates an
interrupt when timed out . . . . . . . . . . . . . . . . . . .31
Fig 18. Timestamp detection with two push-buttons
on one the TS pin (e.g. for tamper detection) . . .33
Fig 19. Interrupt block diagram . . . . . . . . . . . . . . . . . . . .37
Fig 20. INT example for SI and MI when TI_TP is
logic 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .38
Fig 21. INT example for SI and MI when TI_TP is
logic 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .39
Fig 22. Example of shortening the INT pulse by
clearing the MSF flag . . . . . . . . . . . . . . . . . . . . . .39
Fig 23. AF timing diagram . . . . . . . . . . . . . . . . . . . . . . . .40
Fig 24. STOP bit functional diagram . . . . . . . . . . . . . . . .43
Fig 25. STOP bit release timing . . . . . . . . . . . . . . . . . . . .43
Fig 26. Interface selection . . . . . . . . . . . . . . . . . . . . . . . .44
Fig 27. SDI, SDO configurations . . . . . . . . . . . . . . . . . . .45
Fig 28. Data transfer overview . . . . . . . . . . . . . . . . . . . . .45
Fig 29. SPI-bus write example . . . . . . . . . . . . . . . . . . . . .46
Fig 30. SPI-bus read example . . . . . . . . . . . . . . . . . . . . .46
Fig 31. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .47
Fig 32. Definition of START and STOP conditions. . . . . .47
Fig 33. System configuration . . . . . . . . . . . . . . . . . . . . . .48
Fig 34. Acknowledgement on the I2C-bus . . . . . . . . . . . .48
Fig 35. Bus protocol, writing to registers . . . . . . . . . . . . .49
Fig 36. Bus protocol, reading from registers . . . . . . . . . .49
Fig 37. Device diode protection diagram of
PCF2129A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .50
Fig 38. IDD as a function of temperature . . . . . . . . . . . . .53
Fig 39. IDD as a function of VDD . . . . . . . . . . . . . . . . . . . .54
Fig 40. Characteristic of frequency with respect to
temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . .55
Fig 41. SPI-bus timing . . . . . . . . . . . . . . . . . . . . . . . . . . .57
Fig 42. I2C-bus timing diagram; rise and fall times
refer to 30 % and 70 % . . . . . . . . . . . . . . . . . . . . 59
Fig 43. Package outline SOT163-1 (SO20) . . . . . . . . . . 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com