Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1339 Datasheet(PDF) 7 Page - ams AG

Part # AS1339
Description  650mA RF Step-Down DC-DC for PA, with two LDOs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1339 Datasheet(HTML) 7 Page - ams AG

Back Button AS1339 Datasheet HTML 3Page - ams AG AS1339 Datasheet HTML 4Page - ams AG AS1339 Datasheet HTML 5Page - ams AG AS1339 Datasheet HTML 6Page - ams AG AS1339 Datasheet HTML 7Page - ams AG AS1339 Datasheet HTML 8Page - ams AG AS1339 Datasheet HTML 9Page - ams AG AS1339 Datasheet HTML 10Page - ams AG AS1339 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
www.austriamicrosystems.com
Revision 1.04
7 - 25
AS1339
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Start-Up Time
From PA_EN switch from 0V to 1.7V,
VOUT = 3.4V, ILOAD = 0mA, within 50mV
regulation error
100
150
µs
Regulation Time; Rise Time
VOUT from 0.8V to 3.4V, RLOAD = 8
Ω,
within 50mV regulation error
30
50
Regulation Time; Fall Time
VOUT from 3.4V to 0.8V, RLOAD = 8
Ω,
within 50mV regulation error
30
50
LDO
Start-Up Time
IOUT=10mA, within 100mV of VOUT
30
50
µs
Shut-Down Time
IOUT=0mA, within 100mV of GND
50
100
Line Regulation
4
VIN = 4V to 3.5V; IOUT = 10mA;
10
mV
Load Regulation
IOUT stepped from 50µA to 10mA
25
Ripple Rejection
5
IOUT = 4mA, VIN = 3.2V, f = 100kHz
45
dB
IOUT = 4mA, VIN = 3.2V, f = 2MHz
45
Output Noise
6
10Hz to 100kHz, IOUT = 10mA
50
100
µVRMS
1. The relative linearity is defined as the difference of the minimum to the maximum gain over the entire REFIN
range.
2. The absolute linearity is defined as the actual gain error (AE) of every applied VREFIN voltage between 0.32V
and 1.4V.
3. The ripple voltage should measured at COUT electrode on good layout PC board and under condition using sug-
gested inductors and capacitors.
4. For dynamic change in VOUT (Line transient response) when VIN drops 500mV from 4V (see Figure 48 on page
15); Slew rate= 40mV/µs.
5. VRIPPLE = 200mVpp; TA = +25°C; CIN1, CIN2 removed; PA_EN = 0V;
6. VIN = 3.2V; TA = +25°C; PA_EN = 3.2V;
Table 5. External Components used for Characterisation
Name
Part Number
Value
Rating
Type
Size
Manufacturer
CIN1
GRM21BR60J106KE01
10µF
6.3V
X5R
0805
Murata
www.murata.com
CIN2
GRM155R61A105KE15
1µF
10V
X5R
0402
COUT
C0603C475K8PAC7867
4.7µF
10V
X5R
0603
KEMET
www.kemet.com
CLDO1, CLDO2
C0402C104K4RAC
100nF
16V
X7R
0402
L
MLP2520S3R3S
3.3µH
1A
110m
Ω
2.2x2.0x1.4mm
TDK
www.coilcraft.com
Table 4. System Characteristics (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
AE
V
OUT
25
,
V
REFIN
×
---------------------------------
1
–
⎝⎠
⎛⎞
100
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com