Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1339 Datasheet(PDF) 21 Page - ams AG

Part # AS1339
Description  650mA RF Step-Down DC-DC for PA, with two LDOs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1339 Datasheet(HTML) 21 Page - ams AG

Back Button AS1339 Datasheet HTML 17Page - ams AG AS1339 Datasheet HTML 18Page - ams AG AS1339 Datasheet HTML 19Page - ams AG AS1339 Datasheet HTML 20Page - ams AG AS1339 Datasheet HTML 21Page - ams AG AS1339 Datasheet HTML 22Page - ams AG AS1339 Datasheet HTML 23Page - ams AG AS1339 Datasheet HTML 24Page - ams AG AS1339 Datasheet HTML 25Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
www.austriamicrosystems.com
Revision 1.04
21 - 25
AS1339
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Example
The following system should be designed:
- A supply with a Lithium-Ion Battery = 4.5V
-VOUT = 3.0V
-
IOUTMAX = 500mA
For the first step VREF is calculated as shown in Equation (EQ 5).
Due to Equation (EQ 6): VIN = 3.23V
If VIN is falling below 3.23V the device is going into Bypass mode (see Bypass Mode on page 17).
Hence a 2.2µH coil is used,
ΔIL can be calculated with Equation (EQ 3): ΔIL= 227mA
With this result IMAX can be calculated with Equation (EQ 4): IMAX = 614mA.
The saturation current of the coil should be chosen slightly higher than IMAX because heavy load transients could
increase the peak current. For a short period of time (~50µs) the peak inductor current can rise up to a value of approx-
imately 1.1A (p-channel MOSFET peak current limit). In this case a coil with a rated saturation current of ~800mA can
be chosen.
Figure 52. Efficiency Comparison of different
Inductors; VIN = 3.9V, VOUT = 1.0V
Figure 53. Efficiency Comparison of different
Inductors; VIN = 3.9V, VOUT = 1.5V
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Output Current (mA)
MLP2520S1R5S
MLP2520S2R2S
MLP2520S3R3S
EPL2014-222
EPL2014-332
EPL2014-472
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Output Current (mA)
MLP2520S1R5S
MLP2520S2R2S
MLP2520S3R3S
EPL2014-222
EPL2014-332
EPL2014-472
(EQ 5)
V
REF
V
OUT
25
,
-------------
12V
,
==
(EQ 6)
V
IN
269
,
V
REF
×
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com