Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1339 Datasheet(PDF) 8 Page - ams AG

Part # AS1339
Description  650mA RF Step-Down DC-DC for PA, with two LDOs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1339 Datasheet(HTML) 8 Page - ams AG

Back Button AS1339 Datasheet HTML 4Page - ams AG AS1339 Datasheet HTML 5Page - ams AG AS1339 Datasheet HTML 6Page - ams AG AS1339 Datasheet HTML 7Page - ams AG AS1339 Datasheet HTML 8Page - ams AG AS1339 Datasheet HTML 9Page - ams AG AS1339 Datasheet HTML 10Page - ams AG AS1339 Datasheet HTML 11Page - ams AG AS1339 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
www.austriamicrosystems.com
Revision 1.04
8 - 25
AS1339
Datasheet - Ty p i c a l O p e r a t i o n C h a r a c t e r i s t i c s
7 Typical Operation Characteristics
Figure 3. DC-DC Efficiency vs. VOUT; RLOAD = 5
Ω
Figure 4. DC-DC Efficiency vs. VOUT; RLOAD = 7.5
Ω
60
65
70
75
80
85
90
95
100
0.6
1
1.4
1.8
2.2 2.6
3
3.4 3.8
Output Voltage (V)
Vin = 2.7V
Vin = 3.0V
Vin = 3.3V
Vin = 3.6V
Vin = 3.9V
Bypass Mode
60
65
70
75
80
85
90
95
100
0.6
1
1.4
1.8
2.2 2.6
3
3.4 3.8
Output Voltage (V)
Vin = 2.7V
Vin = 3.0V
Vin = 3.3V
Vin = 3.6V
Vin = 3.9V
Bypass Mode
Figure 5. DC-DC Efficiency vs. VOUT; RLOAD = 10
Ω
Figure 6. DC-DC REFIN vs. VOUT; RLOAD = 5
Ω
60
65
70
75
80
85
90
95
100
0.6
1
1.4
1.8
2.2 2.6
3
3.4 3.8
Output Voltage (V)
Vin = 2.7V
Vin = 3.0V
Vin = 3.3V
Vin = 3.6V
Vin = 3.9V
Bypass Mode
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0.6
1
1.4
1.8 2.2
2.6
3
3.4 3.8
Output Voltage (V)
Vin = 2.7V
Vin = 3.0V
Vin = 3.3V
Vin = 3.6V
Vin = 3.9V
Figure 7. DC-DC REFIN vs. VOUT; RLOAD = 7.5
Ω
Figure 8. DC-DC REFIN vs. VOUT; RLOAD = 10
Ω
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0.6
1
1.4
1.8
2.2
2.6
3
3.4
3.8
Output Voltage (V)
Vin = 2.7V
Vin = 3.0V
Vin = 3.3V
Vin = 3.6V
Vin = 3.9V
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0.6
1
1.4
1.8
2.2 2.6
3
3.4
3.8
Output Voltage (V)
Vin = 2.7V
Vin = 3.0V
Vin = 3.3V
Vin = 3.6V
Vin = 3.9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com