Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1339 Datasheet(PDF) 16 Page - ams AG

Part # AS1339
Description  650mA RF Step-Down DC-DC for PA, with two LDOs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1339 Datasheet(HTML) 16 Page - ams AG

Back Button AS1339 Datasheet HTML 12Page - ams AG AS1339 Datasheet HTML 13Page - ams AG AS1339 Datasheet HTML 14Page - ams AG AS1339 Datasheet HTML 15Page - ams AG AS1339 Datasheet HTML 16Page - ams AG AS1339 Datasheet HTML 17Page - ams AG AS1339 Datasheet HTML 18Page - ams AG AS1339 Datasheet HTML 19Page - ams AG AS1339 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
www.austriamicrosystems.com
Revision 1.04
16 - 25
AS1339
Datasheet - D e ta i l e d D e s c r i p t i o n
8 Detailed Description
The AS1339 is designed to dynamically power the PA in WCDMA and NCDMA handsets. The device is empowered
with a high-frequency, high-efficiency step-down converter, and two LDOs. The step-down converters are capable of
delivering 650mA. The PWM control scheme provides fast transient response, while 2MHz switching frequency allows
the trade-off between efficiency and small external components. A 110m
Ω bypass FET connects the PA directly to the
battery during high-power transmission.
Figure 49. Block Diagram
Operating the AS1339
The AS1339’s control block turns on the internal PFET (P-channel MOSFET) switch during the first part of each
switching cycle, thus allowing current to flow from the input through the inductor to the output filter capacitor and load.
The inductor limits the current to a ramp with a slope of (VIN - VOUT) / L, by storing energy in a magnetic field.
During the second part of each cycle, the controller turns the PFET switch off, blocking current flow from the input, and
then turns the NFET (N-channel MOSFET) synchronous rectifier on. As a result, the inductor’s magnetic field
collapses, generating a voltage that forces current from ground through the synchronous rectifier to the output filter
capacitor and load.
While the stored energy is transferred back into the circuit and depleted, the inductor current ramps down with a slope
of VOUT / L. The output filter capacitor stores charge when the inductor current is high, and releases it when low,
smoothing the voltage across the load. The output voltage is regulated by modulating the PFET switch on-time to
control the average current sent to the load.
The output voltage is equal to the average voltage at the LX pin.
While in operation, the output voltage is regulated by switching at a constant frequency and then modulating the
energy per cycle to control the power to the load. Energy per cycle is set by modulating the PFET switch on-time pulse
width to control the peak inductor current. This is done by comparing the signal from the current-sense amplifier with a
slope compensated error signal from the voltage-feedback error amplifier. At the beginning of each cycle, the clock
turns on the PFET switch, causing the inductor current to ramp up. When the current sense signal ramps past the error
amplifier signal, the PWM comparator turns off the PFET switch and turns on the NFET synchronous rectifier, ending
the first part of the cycle.
If an increase in load pulls the output down, the error amplifier output increases, which allows the inductor current to
ramp higher before the comparator turns off the PFET. This increases the average current sent to the output and
AS1339
LDO2
REF
2MHz BUCK
Control
Logic
LDO1
BASEBAND
PROCESSOR
GPIO
GPIO
GPIO
DAC
+
PA_EN
EN1
EN2
TEST
IN2
REFIN
IN1B
IN1A
Li+ Battery
1µF
LDO2
LDO1
AGND
NC
PGND
LX
PAB
PAA
2.2µH
4.7µF
0.1µF
0.1µF
PFET
NFET
Bypass FET
ROFF
ROFF
2.5x REFIN
2.85V
2.85V
Not
Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com