Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1339 Datasheet(PDF) 22 Page - ams AG

Part # AS1339
Description  650mA RF Step-Down DC-DC for PA, with two LDOs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1339 Datasheet(HTML) 22 Page - ams AG

Back Button AS1339 Datasheet HTML 17Page - ams AG AS1339 Datasheet HTML 18Page - ams AG AS1339 Datasheet HTML 19Page - ams AG AS1339 Datasheet HTML 20Page - ams AG AS1339 Datasheet HTML 21Page - ams AG AS1339 Datasheet HTML 22Page - ams AG AS1339 Datasheet HTML 23Page - ams AG AS1339 Datasheet HTML 24Page - ams AG AS1339 Datasheet HTML 25Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
www.austriamicrosystems.com
Revision 1.04
22 - 25
AS1339
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Layout Considerations
High peak currents of up to 1.1A and a high switching frequency makes the PCB layout important. Following rules
should be considered:
- The power traces (IN1A, IN1B, IN2, LX, PAA, PAB, PGND) should be kept as short, direct and wide as practical.
- All capacitors should be placed as close as possible near the device.
- Try to keep the serial resistance (ESR) of CLDO1 and CLDO2 as low as possible.
- The negative terminations of the capacitors COUT and CIN should be kept as close to each other as possible. A
starpoint to PGND is recommended.
As shown in Figure 54 the current path between the pins IN1A/IN1B (C3/C4) and pin PGND (A4) via CIN1 is kept as
short as possible. Also the current path between the pins PAB/PAA (D3/D4) and pin PGND (A4) via COUT is very close.
The negative terminals of CIN1 and COUT are connected to pin PGND (A4) as a starpoint.
In order to keep noise emissions suppressed the connection between pin LX (B4) and the pins PAB/PAA (D3/D4) via
the coil is kept very short. A shielded coil is recommended.
To keep the influence of the DC-DC on the LDOs in terms of supply ripple and noise quite low the IN1, IN2 and AGND,
PGND path are separated in the layout. These power paths should be connected via a starpoint directly at the supply.
Figure 54. Layout for Space Limited Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com