Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1339 Datasheet(PDF) 14 Page - ams AG

Part # AS1339
Description  650mA RF Step-Down DC-DC for PA, with two LDOs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1339 Datasheet(HTML) 14 Page - ams AG

Back Button AS1339 Datasheet HTML 10Page - ams AG AS1339 Datasheet HTML 11Page - ams AG AS1339 Datasheet HTML 12Page - ams AG AS1339 Datasheet HTML 13Page - ams AG AS1339 Datasheet HTML 14Page - ams AG AS1339 Datasheet HTML 15Page - ams AG AS1339 Datasheet HTML 16Page - ams AG AS1339 Datasheet HTML 17Page - ams AG AS1339 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
www.austriamicrosystems.com
Revision 1.04
14 - 25
AS1339
Datasheet - Ty p i c a l O p e r a t i o n C h a r a c t e r i s t i c s
Figure 39. DC-DC Line Transient; VIN = 4.0V to 3.5V,
VOUT = 1.2V, RLOAD = 10
Ω
Figure 40. DC-DC Load Transient; IOUT = 0mA to
500mA, VIN = 3.6V, VOUT = 2.5V
50µs/Div
50µs/Div
Figure 41. LDO Quiescent Current vs. VIN
Figure 42. LDO Line Regulation, VOUT vs. VIN
0
10
20
30
40
50
60
70
80
12
34
56
Input Voltage (V)
both LDO's
one LDO
2.7
2.72
2.74
2.76
2.78
2.8
2.82
2.84
2.86
2.88
2.9
2.7 3.05 3.4 3.75 4.1 4.45 4.8 5.15 5.5
Input Voltage (V)
Iout = 0mA
Iout = 1mA
Iout = 10mA
Iout = 20mA
Figure 43. LDO PSRR vs. Freq.; VIN = 3.2V, VOUT =
2.85V, VRIPPLE = 200mVPP, COUT =100nF
Figure 44. LDO Output Noise vs. Freq.; VIN = 3.2V,
VOUT = 2.85V, COUT =100nF
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
Frequency (Hz)
4mA
no Load
0.01
0.1
1
10
10
100
1000
10000
100000
Frequency (Hz)
10mA
no Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com