Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1339 Datasheet(PDF) 3 Page - ams AG

Part # AS1339
Description  650mA RF Step-Down DC-DC for PA, with two LDOs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1339 Datasheet(HTML) 3 Page - ams AG

  AS1339 Datasheet HTML 1Page - ams AG AS1339 Datasheet HTML 2Page - ams AG AS1339 Datasheet HTML 3Page - ams AG AS1339 Datasheet HTML 4Page - ams AG AS1339 Datasheet HTML 5Page - ams AG AS1339 Datasheet HTML 6Page - ams AG AS1339 Datasheet HTML 7Page - ams AG AS1339 Datasheet HTML 8Page - ams AG AS1339 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.austriamicrosystems.com
Revision 1.04
3 - 25
AS1339
Datasheet - P i n o u t
IN2
C1
Supply Voltage Input for LDO1 and LDO2.
Connect IN2 to a battery or
supply voltage from 2.7V to 5.5V. Decouple IN2 with a 1μF ceramic
capacitor as close as possible to IN2 and AGND. Connect IN2 to the same
source as IN1A and IN1B.
TEST
C2
NC.
Used for internal test purpose. The pin is internally pulled down with a
110k
Ω resistor.
IN1B, IN1A
C3, C4
Supply Voltage Input for PA Step-Down Converter.
Connect IN1A/B to a
battery or supply voltage from 2.7V to 5.5V. Decouple IN1A/B with a 10μF
ceramic capacitor as close as possible to IN1A/B, and PGND. IN1A and
IN1B are internally connected together. Connect IN1A/B to the same source
as IN2.
LDO1
D1
10mA LDO Regulator 1 Output.
Decouple LDO1 with a 0.1μF ceramic
capacitor as close as possible to LDO1 and AGND. LDO1 is internally pulled
down through a 100
Ω resistor when this regulator is disabled.
EN1
D2
Enable Input for LDO1.
For normal operation, connect to logic-high. For
shutdown mode, connect to logic-low. The pin is internally pulled down
through a 110k
Ω resistor.
PAB, PAA
D3, D4
PA Connection for Bypass Mode.
Internally connected to IN1A/B using
the internal bypass MOSFET during bypass mode. Connect PAA/B with a
4.7μF ceramic capacitor as close as possible to PAA/B and PGND.
Table 1. Pin Description
Pin Name
Pin Number
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com