Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1339 Datasheet(PDF) 13 Page - ams AG

Part # AS1339
Description  650mA RF Step-Down DC-DC for PA, with two LDOs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1339 Datasheet(HTML) 13 Page - ams AG

Back Button AS1339 Datasheet HTML 9Page - ams AG AS1339 Datasheet HTML 10Page - ams AG AS1339 Datasheet HTML 11Page - ams AG AS1339 Datasheet HTML 12Page - ams AG AS1339 Datasheet HTML 13Page - ams AG AS1339 Datasheet HTML 14Page - ams AG AS1339 Datasheet HTML 15Page - ams AG AS1339 Datasheet HTML 16Page - ams AG AS1339 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
www.austriamicrosystems.com
Revision 1.04
13 - 25
AS1339
Datasheet - Ty p i c a l O p e r a t i o n C h a r a c t e r i s t i c s
Figure 33. DC-DC Soft-Start; RLOAD = 7.5
Ω
Figure 34. DC-DC Shutdown
20µs/Div
20µs/Div
Figure 35. DC-DC Sine Wave Output in PWM Mode;
VIN = 4.5V, RLOAD = 7.5
Ω
Figure 36. DC-DC Sine Wave Output in Bypass Mode;
VIN = 3.6V, RLOAD = 7.5
Ω
200µs/Div
200µs/Div
Figure 37. DC-DC Rectangular Wave Output in PWM
Mode; VIN = 4.5V, RLOAD = 7.5
Ω
Figure 38. DC-DC Rectangular Wave Output in Bypass
Mode; VIN = 3.6V, RLOAD = 7.5
Ω
10µs/Div
10µs/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com