Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1339 Datasheet(PDF) 20 Page - ams AG

Part # AS1339
Description  650mA RF Step-Down DC-DC for PA, with two LDOs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1339 Datasheet(HTML) 20 Page - ams AG

Back Button AS1339 Datasheet HTML 16Page - ams AG AS1339 Datasheet HTML 17Page - ams AG AS1339 Datasheet HTML 18Page - ams AG AS1339 Datasheet HTML 19Page - ams AG AS1339 Datasheet HTML 20Page - ams AG AS1339 Datasheet HTML 21Page - ams AG AS1339 Datasheet HTML 22Page - ams AG AS1339 Datasheet HTML 23Page - ams AG AS1339 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
www.austriamicrosystems.com
Revision 1.04
20 - 25
AS1339
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
f .... Switching Frequency (2.0MHz typical)
L .... Inductor Value
ILMAX .... Maximum Inductor current
ΔIL .... Peak to Peak inductor ripple current
IOUTMAX .... Applied load current
Accepting larger values of ripple current allows the use of low inductance values, but results in higher output voltage
ripple, greater core losses, and lower output current capability. The total losses of the coil have a strong impact on the
efficiency of the dc/dc conversion and consist of both the losses in the dc resistance and the following frequency-
dependent components:
1. The losses in the core material (magnetic hysteresis loss, especially at high switching frequencies)
2. Additional losses in the conductor from the skin effect (current displacement at high frequencies)
3. Magnetic field losses of the neighboring windings (proximity effect)
4. Radiation losses
Note:
For highest efficiency, a low DC-resistance inductor is recommended.
Table 8. Recommended Inductors
Part Number
L
DCR
Current Rating Dimensions (L/W/T)
Manufacturer
MLP2520S1R5S
1.5µH
80m
Ω
1.5A
2.5x2.0x1.2mm
TDK
www.tdk.com
MLP2520S2R2S
2.2µH
110m
Ω
1.2A
2.5x2.0x1.2mm
MLP2520S3R3S
3.3µH
110m
Ω
1.0A
2.5x2.0x1.2mm
EPL2014-222MLC
2.2µH
120m
Ω
0.98A
2.2x2.0x1.4mm
Coilcraft
www.coilcraft.com
EPL2014-332MLC
3.3µH
152m
Ω
0.8A
2.2x2.0x1.4mm
EPL2014-472MLC
4.7µH
231m
Ω
0.65A
2.2x2.0x1.4mm
XPL2010-222ML
2.2µH
156m
Ω
1.2A
2.0x1.9x1.0mm
XPL2010-332ML
3.3µH
207m
Ω
0.925A
2.0x1.9x1.0mm
(EQ 3)
ΔI
L
V
OUT
V
IN
V
OUT
–
()
×
V
IN
fL
×
×
------------------------------------------------------
=
(EQ 4)
I
LMAX
I
OUTMAX
ΔI
L
2
--------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com