Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1339 Datasheet(PDF) 5 Page - ams AG

Part # AS1339
Description  650mA RF Step-Down DC-DC for PA, with two LDOs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1339 Datasheet(HTML) 5 Page - ams AG

  AS1339 Datasheet HTML 1Page - ams AG AS1339 Datasheet HTML 2Page - ams AG AS1339 Datasheet HTML 3Page - ams AG AS1339 Datasheet HTML 4Page - ams AG AS1339 Datasheet HTML 5Page - ams AG AS1339 Datasheet HTML 6Page - ams AG AS1339 Datasheet HTML 7Page - ams AG AS1339 Datasheet HTML 8Page - ams AG AS1339 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.austriamicrosystems.com
Revision 1.04
5 - 25
AS1339
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VIN1A = VIN1B = VIN2 = VPA_EN = VEN1 = VEN2 = 3.6V, TA = -40ºC to +85ºC. Typical values are at TA =+25ºC, (unless
otherwise specified), for external components refer to Table 5 on page 7.
Table 3. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Input Supply
VIN
Input Voltage Range
2.7
5.5
V
ISHDN
Shutdown Supply Current
VPA_EN = VEN1 = VEN2 = 0V
1
0.1
1
µA
IQ
DC-DC No-Load Supply
Current
VEN1 = VEN2 = 0V, ILOAD(DCDC) = 0mA,
switching, VIN = 4.5V, VOUT = 3.4V
4.5
6
mA
DCDC Output Voltage
VOUT
Output Voltage Range
PWM Mode
0.8
3.85
V
Output Voltage
VREFIN = 0.32V, VIN = 3.9V
0.75
0.8
0.85
V
VREFIN = 0.84V, VIN = 3.9V
2.05
2.1
2.15
V
VREFIN = 1.36V, VIN = 3.9V
3.319
3.4
3.481
V
Thermal Protection
Thermal Shutdown
TA rising, 10ºC typical hysteresis
+140
ºC
Logic Control
PA_EN, EN1, EN2, Logic-
Input High Voltage
2.7V ≤ VIN ≤ 5.5V
1.4
V
PA_EN, EN1, EN2, Logic-
Input Low Voltage
2.7V ≤ VIN ≤ 5.5V
0.5
V
Logic-Input Current
(PA_EN, EN1, EN2)
VIL = 0V
-1
+1
µA
VIH = VIN = 5.5V
50
75
µA
REFIN
REFIN Operating
Common-Mode Range
0.32
1.5
V
REFIN gain VOUT/VREFIN
2
VREFIN = 0.32V
2.35
2.50
2.65
V/V
VREFIN = 0.84V, 1.36V
2.44
2.50
2.56
V/V
REFIN Current
VREFIN = VIN = 5.5V
-1
+1
µA
LX
RDSONP Pin-Pin Resistance for PFET
ISW = 200mA; TA = +25°C
110
200
m
Ω
ISW = 200mA
230
RDSONN Pin-Pin Resistance for NFET
ISW = -200mA; TA = +25°C
230
415
m
Ω
ISW = -200mA
485
PFET Leakage Current
VIN = 5.5V, VLX = 0V
0.1
3
µA
NFET Leakage Current
VIN = VLX = 5.5V
0.1
3
µA
PFET Peak Current Limit
VLX = 0V
1100
mA
fOSC
Internal Oscillator Frequency
1.8
2
2.2
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com