Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1339 Datasheet(PDF) 4 Page - ams AG

Part # AS1339
Description  650mA RF Step-Down DC-DC for PA, with two LDOs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1339 Datasheet(HTML) 4 Page - ams AG

  AS1339 Datasheet HTML 1Page - ams AG AS1339 Datasheet HTML 2Page - ams AG AS1339 Datasheet HTML 3Page - ams AG AS1339 Datasheet HTML 4Page - ams AG AS1339 Datasheet HTML 5Page - ams AG AS1339 Datasheet HTML 6Page - ams AG AS1339 Datasheet HTML 7Page - ams AG AS1339 Datasheet HTML 8Page - ams AG AS1339 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.austriamicrosystems.com
Revision 1.04
4 - 25
AS1339
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Electrical Character-
istics on page 5 is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
IN1A, IN1B, IN2 to AGND
-0.3
+7
V
PAA, PAB, PA_EN, TEST, REFIN,
NC to AGND
-0.3
VIN1A/
VIN1B +
0.3
V
LDO1, LDO2, EN1, EN2 to AGND
-0.3
VIN2 +
0.3
V
IN2 to IN1B/IN1A
-0.3
+0.3
V
PGND to AGND
-0.3
+0.3
V
LX Current
0.7
ARMS
Bypass Current
1.6
ARMS
Storage Temperature Range
-65
+150
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with
IPC/JEDEC J-STD-020D “Moisture/Reflow
Sensitivity Classification for Non-Hermetic Solid
State Surface Mount Devices”.
ESD Rating
Human Body Model
1kV
HBM MIL-Std. 883E 3015.7
methods
Operating Ratings
REFIN Common-Mode Range
0
VIN
V
Recommended Load Current
650
mA
Continuous Power Dissipation
PD-MAX
0.75
W
TA = +65ºC; derate 12.5mW/ºC above +65ºC
Junction Temperature (TJ) Range
-40
+125
ºC
Ambient Temperature (TA) Range
-40
+85
ºC
In applications where high power dissipation
and/or poor package thermal resistance is
present, the maximum ambient temperature
may have to be derated.
Maximum ambient temperature (TA-MAX) is
dependent on the maximum operating junction
temperature (TJ-MAX-OP = 125ºC), the maximum
power dissipation
of the device in the application (PD-MAX), and the
junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by
the following
equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com