Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5311 Datasheet(PDF) 7 Page - ams AG

Part # AS5311
Description  High Resolution Magnetic Linear Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Datasheet(HTML) 7 Page - ams AG

Back Button AS5311 Datasheet HTML 3Page - ams AG AS5311 Datasheet HTML 4Page - ams AG AS5311 Datasheet HTML 5Page - ams AG AS5311 Datasheet HTML 6Page - ams AG AS5311 Datasheet HTML 7Page - ams AG AS5311 Datasheet HTML 8Page - ams AG AS5311 Datasheet HTML 9Page - ams AG AS5311 Datasheet HTML 10Page - ams AG AS5311 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
AS5311
Data Sheet
www.austriamicrosystems.com
Revision 1.01
7 - 23
Parameter
Min
Max
Unit
Comments
Body temperature (Lead-free
package)
260
°C
t=20 to 40s, Norm: IPC/JEDEC J-Std-020C
Lead finish 100% Sn “matte tin”
Humidity non-condensing
5
85
%
6.2
Operating Conditions
Table 3
Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Note
Ambient temperature
Tamb
-40
125
°C
-40°F…+257°F
Supply current
Isupp
16
21
mA
Supply voltage at pin VDD5V
Voltage regulator output
voltage at pin VDD3V3
VDD5V
VDD3V3
4.5
3.0
5.0
3.3
5.5
3.6
V
V
5V Operation
Supply voltage at pin VDD5V
Supply voltage at pin VDD3V3
VDD5V
VDD3V3
3.0
3.0
3.3
3.3
3.6
3.6
V
V
3.3V Operation
(pin VDD5V and VDD3V3
connected)
6.3
DC Characteristics for Digital Inputs and Outputs
6.3.1
CMOS Schmitt-Trigger Inputs: CLK, CSn (CSn = internal Pull-up)
Operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation) unless
otherwise noted.
Parameter
Symbol
Min
Max
Unit
Note
High level input voltage
VIH
0.41 * VDD5V
V
Normal operation
Low level input voltage
VIL
0.13 * VDD5V
V
Schmitt Trigger hysteresis
VIon - VIoff
1
V
-1
1
CLK only
Input leakage current
Pull-up low level input current
ILEAK
IiL
-30
-100
µA
CSn only, VDD5V: 5.0V
6.3.2
CMOS Output Open Drain: MagINCn, MagDECn
Operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation) unless
otherwise noted.
Parameter
Symbol
Min
Max
Unit
Note
Low level output voltage
VOL
VSS+0.4
V
Output current
IO
4
2
mA
VDD5V: 4.5V
VDD5V: 3V
Open drain leakage current
IOZ
1
µA
6.3.3
CMOS Output: PWM
Operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation) unless
otherwise noted.
Parameter
Symbol
Min
Max
Unit
Note
High level output voltage
VOH
VDD5V-0.5
V
Low level output voltage
VOL
VSS+0.4
V
Output current
IO
4
2
mA
mA
VDD5V: 4.5V
VDD5V: 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com