Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5311 Datasheet(PDF) 3 Page - ams AG

Part # AS5311
Description  High Resolution Magnetic Linear Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Datasheet(HTML) 3 Page - ams AG

  AS5311 Datasheet HTML 1Page - ams AG AS5311 Datasheet HTML 2Page - ams AG AS5311 Datasheet HTML 3Page - ams AG AS5311 Datasheet HTML 4Page - ams AG AS5311 Datasheet HTML 5Page - ams AG AS5311 Datasheet HTML 6Page - ams AG AS5311 Datasheet HTML 7Page - ams AG AS5311 Datasheet HTML 8Page - ams AG AS5311 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
AS5311
Data Sheet
www.austriamicrosystems.com
Revision 1.01
3 - 23
4
Table of Contents
1
General Description ...................................................................................................................... 1
2
Key Features ................................................................................................................................ 1
3
Applications.................................................................................................................................. 1
4
Table of Contents ......................................................................................................................... 3
5
Pinout .......................................................................................................................................... 5
5.1
Pin Assignments ..................................................................................................................... 5
5.2
Pin Description ....................................................................................................................... 5
6
Electrical Characteristics............................................................................................................... 6
6.1
Absolute Maximum Ratings ..................................................................................................... 6
6.2
Operating Conditions .............................................................................................................. 7
6.3
DC Characteristics for Digital Inputs and Outputs ..................................................................... 7
6.3.1
CMOS Schmitt-Trigger Inputs: CLK, CSn (CSn = internal Pull-up) ....................................... 7
6.3.2
CMOS Output Open Drain: MagINCn, MagDECn ................................................................ 7
6.3.3
CMOS Output: PWM ......................................................................................................... 7
6.3.4
Tristate CMOS Output: DO ................................................................................................ 8
6.4
Magnetic Input Specification....................................................................................................8
6.5
Electrical System Specifications .............................................................................................. 8
6.6
Timing Characteristics ............................................................................................................ 9
6.6.1
Synchronous Serial Interface (SSI) .................................................................................... 9
6.6.2
Pulse Width Modulation Output........................................................................................ 10
7
Detailed Description.................................................................................................................... 10
7.1
Incremental Outputs.............................................................................................................. 11
7.1.1
Incremental Power-up Lock Option .................................................................................. 11
7.2
Incremental Output Hysteresis............................................................................................... 12
7.3
Synchronous Serial Interface (SSI) ........................................................................................ 12
7.3.1
Data Contents ................................................................................................................ 13
7.4
Absolute Output Jitter and Hysteresis .................................................................................... 14
7.4.1
Adding a Digital Hysteresis ............................................................................................. 14
7.4.2
Implementing Digital Filtering .......................................................................................... 14
7.5
Z-axis Range Indication (“Red/Yellow/Green” Indicator) .......................................................... 14
8
Pulse Width Modulation (PWM) Output ........................................................................................ 15
9
3.3V / 5V Operation .................................................................................................................... 15
10
Magnet Specifications .............................................................................................................. 16
10.1
Magnetization .................................................................................................................... 16
10.2
Position of the Index Pulse ................................................................................................. 17
10.3
Mounting the Magnet ......................................................................................................... 17
10.3.1
Vertical Distance ......................................................................................................... 17
10.3.2
Alignment of Multi-pole Magnet and IC.......................................................................... 17
10.3.3
Lateral stroke of Multi-pole Strip Magnets ..................................................................... 17
11
Measurement Data Example ..................................................................................................... 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com