Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5311 Datasheet(PDF) 20 Page - ams AG

Part # AS5311
Description  High Resolution Magnetic Linear Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Datasheet(HTML) 20 Page - ams AG

Back Button AS5311 Datasheet HTML 15Page - ams AG AS5311 Datasheet HTML 16Page - ams AG AS5311 Datasheet HTML 17Page - ams AG AS5311 Datasheet HTML 18Page - ams AG AS5311 Datasheet HTML 19Page - ams AG AS5311 Datasheet HTML 20Page - ams AG AS5311 Datasheet HTML 21Page - ams AG AS5311 Datasheet HTML 22Page - ams AG AS5311 Datasheet HTML 23Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
AS5311
Data Sheet
www.austriamicrosystems.com
Revision 1.01
20 - 23
12 AS5311 Off-axis Rotary Applications
The AS5311 can also be used as an off-axis rotary encoder, as shown in Figure 3. In such applications, the
multi-pole magnetic strip is replaced by a multi-pole magnetic ring. The ring can have radial or axial
magnetization.
Figure 16: Angular Resolution and Maximum Speed versus Ring Diameter
In off-axis rotary applications, very high
angular resolutions are possible with the
AS5311.
The number of steps per revolution
increases linearly with ring diameter.
Due to the increasing number of pulses per
revolution, the maximum speed decreases
with increasing ring diameter.
Example:
a magnetic ring with 41.7mm diameter has
a resolution of 65536 steps per revolution
(16-bit) and a maximum speed of 305 rpm
The number of incremental steps per revolution can be calculated as:
polepairs
nbr
steps
l
incrementa
_
*
1024
_
=
2
*
*
1024
_
π
d
steps
l
incrementa
=
Note that the circumference (d*π) must be a multiple of one polepair = 2mm, hence the diameter of the magnet
ring may need to be adjusted accordingly:
π
mm
polepairs
nbr
d
2
*
_
=
The maximum rotational speed can be calculated as:
π
π
*
39000
*
60
*
_
max_
_
max_
d
d
speed
lin
speed
rot
=
=
where nbr_polepairs
= the number of pole pairs at the magnet ring
d
= diameter of the ring in mm; the diameter is taken at the locus of the Hall elements
underneath the magnet
max_rot_speed = maximum rotational speed in revolutions per minute rpm :
max_lin_speed = maximum linear speed in mm/sec (=650 mm/s for AS5311)
Note:
further examples are shown in the “Magnet Selection Guide”, available for download from the
austriamicrosystems website
http://www.austriamicrosystems.com/eng/Products/Magnetic-Encoders/Linear-Encoders
Res
[bit]
Steps /
Rev.
Ring
Diameter
[mm]
Max
Speed
[rpm]
15
32768
20.9
609
16
65536
41.7
305
17
131072
83.4
152
AS5311 off-axis rotary resolution & speed
0
20000
40000
60000
80000
100000
120000
140000
160000
20
40
60
80
100
ring diame ter [mm]
0
100
200
300
400
500
600
700
resolution
speed rpm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com