Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5311 Datasheet(PDF) 5 Page - ams AG

Part # AS5311
Description  High Resolution Magnetic Linear Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Datasheet(HTML) 5 Page - ams AG

  AS5311 Datasheet HTML 1Page - ams AG AS5311 Datasheet HTML 2Page - ams AG AS5311 Datasheet HTML 3Page - ams AG AS5311 Datasheet HTML 4Page - ams AG AS5311 Datasheet HTML 5Page - ams AG AS5311 Datasheet HTML 6Page - ams AG AS5311 Datasheet HTML 7Page - ams AG AS5311 Datasheet HTML 8Page - ams AG AS5311 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
AS5311
Data Sheet
www.austriamicrosystems.com
Revision 1.01
5 - 23
5
Pinout
5.1
Pin Assignments
Figure 4: AS5311 Pin Configuration, TSSOP-20
2
3
4
5
6
7
8
13
14
15
16
17
18
19
20
1
NC
MagIncn
MagDecn
A
B
NC
Index
VSS
CLK
CSn
PWM
NC
NC
VDD3V3
VDD5V
9
12
DO
Prog
10
11
NC
NC
NC
5.2
Pin Description
Pin 4(A), 5(B) and 7(Index) are the incremental outputs. The incremental output has a resolution of 10-bit per
pole pair, resulting in a step length of 1.95µm.
Note that Pin 14 (CSn) must be low to enable the incremental outputs.
Pins 12, 13 and 14 are used for serial data transfer. Chip Select (CSn; active low) initiates serial data transfer.
CLK is the clock input and DO is the data output. A logic high at CSn puts the data output pin (DO) to tri-state
and terminates serial data transfer. CSn must be low to enable the incremental outputs. See 7.1.1 for further
options.
Pin 8 is the supply ground pin. Pins 18 and 19 are the positive supply pins.
For 5V operation, connect the 5V supply to pin 19 and add a 2µ2…10µF buffer capacitor at pin 19.
For 3.3V operation, connect both pins 18 and 19 to the 3.3V supply.
Pin 9 is used for factory programming only. It should be connected to VSS.
Pins 2 and 3 are the magnetic field change indicators, MagINCn and MagDECn (magnetic field strength increase
or decrease through variation of the distance between the magnet and the device). These outputs can be used
to detect the valid magnetic field range.
External pull-up resistors are required at these pins. See 6.3.2 for maximum output currents on these pins. Since
they are open-drain outputs they can also be combined (wired-and).
Pin 15 (PWM) allows a single wire output of the 12-bit absolute position value within one pole pair (2.0mm). The
value is encoded into a pulse width modulated signal with 1µs pulse width per step (1µs to 4097µs over one pole
pair).
Pins 6, 10, 11, 16, 17 and 20 are for internal use and must not be connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com