Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5311 Datasheet(PDF) 11 Page - ams AG

Part # AS5311
Description  High Resolution Magnetic Linear Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Datasheet(HTML) 11 Page - ams AG

Back Button AS5311 Datasheet HTML 7Page - ams AG AS5311 Datasheet HTML 8Page - ams AG AS5311 Datasheet HTML 9Page - ams AG AS5311 Datasheet HTML 10Page - ams AG AS5311 Datasheet HTML 11Page - ams AG AS5311 Datasheet HTML 12Page - ams AG AS5311 Datasheet HTML 13Page - ams AG AS5311 Datasheet HTML 14Page - ams AG AS5311 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
AS5311
Data Sheet
www.austriamicrosystems.com
Revision 1.01
11 - 23
7.1
Incremental Outputs
Figure 6 shows the two-channel quadrature output of the AS5311. Output A leads output B when the magnet is
moving from right to left and output B leads output A when the magnet is moving from left to right
(see Figure 14).
Figure 6: Incremental Outputs
Movement left to right
A
B
Incremental outputs
Index=0
1LSB
Index
Mechanical
Zero P osition
Movement Direction
Change
CSn
t Incremental outputs valid
Hyst =
2 LS B
Movem ent right to left
M echanical
Zero Position
7.1.1
Incremental Power-up Lock Option
After power-up, the incremental outputs can optionally be locked or unlocked, depending on the status of the
CSn pin:
CSn = low at power-up:
CSn has an internal pull-up resistor and must be externally pulled low (Rext ≤ 5kΩ). If Csn is low at
power-up, the incremental outputs A, B and Index will be high until the internal offset compensation is
finished.
This unique state may be used as an indicator for the external controller to shorten the waiting time at
power-up. Instead of waiting for the specified maximum power up-time (see 6.5), the controller can start
requesting data from the AS5311 as soon as the state (A=B=Index = high) is cleared.
CSn = high or open at power-up:
In this mode, the incremental outputs (A, B, Index) will remain at logic high state, until CSn goes low or
a low pulse is applied at CSn. This mode allows intentional disabling of the incremental outputs until for
example the system microcontroller is ready to receive data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com