Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5311 Datasheet(PDF) 6 Page - ams AG

Part # AS5311
Description  High Resolution Magnetic Linear Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Datasheet(HTML) 6 Page - ams AG

Back Button AS5311 Datasheet HTML 2Page - ams AG AS5311 Datasheet HTML 3Page - ams AG AS5311 Datasheet HTML 4Page - ams AG AS5311 Datasheet HTML 5Page - ams AG AS5311 Datasheet HTML 6Page - ams AG AS5311 Datasheet HTML 7Page - ams AG AS5311 Datasheet HTML 8Page - ams AG AS5311 Datasheet HTML 9Page - ams AG AS5311 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
AS5311
Data Sheet
www.austriamicrosystems.com
Revision 1.01
6 - 23
Table 1
Pin Description
Pin
Symbol
Type
Description
1
NC
-
Must be left unconnected
2
MagINCn
DO_OD
Magnet Field Magnitude INCrease; active low, indicates a distance
reduction between the magnet and the device surface.
3
MagDECn
DO_OD
Magnet Field Magnitude DECrease; active low, indicates a distance
increase between the device and the magnet.
4
A
DO
Incremental output A
5
B
DO
Incremental output B
6
NC
-
Must be left unconnected
7
Index
DO
Incremental output Index.
8
VSS
S
Negative Supply Voltage (GND)
9
Prog
DI_PD
OTP Programming Input for factory programming. Connect to VSS
10
NC
-
Must be left unconnected
11
NC
-
Must be left unconnected
12
DO
DO_T
D
ata Output of Synchronous Serial Interface
13
CLK
DI, ST
Cl
ock Input of Synchronous Serial Interface; Schmitt-Trigger input
14
CSn
DI_PU, ST
C
hip Select, active low; Schmitt-Trigger input, internal pull-up resistor
(~50k
Ω). Must be low to enable incremental outputs
15
PWM
DO
P
ulse Width Modulation of approx. 244Hz; 1µs/step
16
NC
-
Must be left unconnected
17
NC
-
Must be left unconnected
18
VDD3V3
S
3V-Regulator output; internally regulated from VDD5V. Connect to
VDD5V for 3V supply voltage. Do not load externally.
19
VDD5V
S
Positive Supply Voltage, 3.0 to 5.5 V
20
NC
-
Must be left unconnected
DO_OD
digital output open drain
S
supply pin
DO
digital output
DI
digital input
DI_PD
digital input pull-down
DO_T
digital output /tri-state
DI_PU
digital input pull-up
ST
Schmitt-Trigger input
6
Electrical Characteristics
6.1
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings“ may cause permanent damage to the device.
These are stress ratings only. Functional operation of the device at these or any other conditions beyond those
indicated under “Operating Conditions” is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Table
2
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Comments
DC supply voltage at pin VDD5V
-0.3
7
V
DC supply voltage at pin VDD3V3
5
V
Input pin voltage
-0.3
VDD5V +0.3
V
Except VDD3V3
Input current (latchup immunity)
-100
100
mA
Norm: JEDEC 78
Electrostatic discharge
± 2
kV
Norm: MIL 883 E method 3015
Storage temperature
-55
125
°C
Min – 67°F ; Max +257°F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com