Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5311 Datasheet(PDF) 17 Page - ams AG

Part # AS5311
Description  High Resolution Magnetic Linear Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Datasheet(HTML) 17 Page - ams AG

Back Button AS5311 Datasheet HTML 13Page - ams AG AS5311 Datasheet HTML 14Page - ams AG AS5311 Datasheet HTML 15Page - ams AG AS5311 Datasheet HTML 16Page - ams AG AS5311 Datasheet HTML 17Page - ams AG AS5311 Datasheet HTML 18Page - ams AG AS5311 Datasheet HTML 19Page - ams AG AS5311 Datasheet HTML 20Page - ams AG AS5311 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
AS5311
Data Sheet
www.austriamicrosystems.com
Revision 1.01
17 - 23
10.2 Position of the Index Pulse
An index pulse is generated when the North and South poles are placed over the Hall array as shown in
Figure 14.
The incremental output count increases when the magnet is moving to the left, facing the chip with pin#1 at the
lower left corner (see Figure 14, top drawing). At the same time, the absolute position value increases.
Likewise, the position value decreases when the magnet is moved in the opposite direction.
10.3 Mounting the Magnet
10.3.1 Vertical Distance
As a rule of thumb, the gap between chip and magnet should be ½ of the pole length, that is Z=0.5mm for the
1.0mm pole length of the AS5311 magnets. However, the gap also depends on the strength of the magnet.
Typical gaps for AS5311 magnets range from 0.3 to 0.6mm (see 6.4).
The AS5311 automatically adjusts for fluctuating magnet strength by using an automatic gain control (AGC). The
vertical distance should be set such that the AS5311 is in the “green” range. See 7.5 for more details.
10.3.2 Alignment of Multi-pole Magnet and IC
When aligning the magnet strip or ring to the AS5311, the centerline of the magnet strip should be placed
exactly over the Hall array. A lateral displacement in Y-direction (across the width of the magnet) is acceptable
as long as it is within the active area of the magnet. See Figure 14 for the position of the Hall array relative to
Pin #1.
Note: the active area in width is the area in which the magnetic field strength across the width of the magnet is
constant with reference to the centerline of the magnet (see Figure 13 ).
10.3.3 Lateral stroke of Multi-pole Strip Magnets
The lateral movement range (stroke) is limited by the area at which all Hall sensors of the IC are covered by the
magnet in either direction. The Hall array on the AS5311 has a length of 2.0mm, hence the total stroke is
maximum lateral Stroke = Length of active area – length of Hall array
Note: active area in length is defined as the area containing poles with the specified 1.0mm pole length. Shorter
poles at either edge of the magnet must be excluded from the active area (see Figure 13).
Figure 13: Active Area of Strip Magnet
N
strip length
2mm
S
N
S
N
S
N
S
N
S
Active area (length)
Active Area
recommended
scanning path
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com