Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5311 Datasheet(PDF) 1 Page - ams AG

Part # AS5311
Description  High Resolution Magnetic Linear Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Datasheet(HTML) 1 Page - ams AG

  AS5311 Datasheet HTML 1Page - ams AG AS5311 Datasheet HTML 2Page - ams AG AS5311 Datasheet HTML 3Page - ams AG AS5311 Datasheet HTML 4Page - ams AG AS5311 Datasheet HTML 5Page - ams AG AS5311 Datasheet HTML 6Page - ams AG AS5311 Datasheet HTML 7Page - ams AG AS5311 Datasheet HTML 8Page - ams AG AS5311 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
AS5311
Data Sheet
www.austriamicrosystems.com
Revision 1.01
1 - 23
Preliminary Data Sheet
1
General Description
The AS5311 is a contactless high resolution magnetic
linear encoder for accurate linear motion and off-axis
rotary sensing with a resolution down to <0.5µm. It is
a system-on-chip, combining integrated Hall elements,
analog front end and digital signal processing on a
single chip, packaged in a small 20-pin TSSOP
package.
A multi-pole magnetic strip or ring with a pole length
of 1.0mm is required to sense the rotational or linear
motion. The magnetic strip is placed above the IC at a
distance of typ. 0.3mm.
The absolute measurement provides instant indication
of the magnet position within one pole pair with a
resolution of 488nm per step (12-bit over 2.0mm).
This digital data is available as a serial bit stream and
as a PWM signal.
Furthermore, an incremental output is available with a
resolution of 1.95 µm per step. An index pulse is
generated once for every pole pair (once per
2.0mm).The travelling speed in incremental mode is
up to 650mm/second.
An internal voltage regulator allows the AS5311 to
operate at either 3.3 V or 5 V supplies.
Depending on the application the AS5311 accepts
multi-pole strip magnets as well as multi-pole ring
magnets, both radial and axial magnetized (see
Figure 1 and Figure 3).
The AS5311 is available in a Pb-free TSSOP-20
package and qualified for an ambient temperature
range from -40°C to +125°C.
2
Key Features
Two 12-bit digital absolute outputs :
- Serial interface and
- Pulse width modulated (PWM) output
Incremental output with Index
“red-yellow-green” indicators monitor magnet
placement over the chip
3
Applications
Micro-Actuator feedback
Servo drive feedback
Robotics
Replacement of optical encoders
Figure 1: AS5311 with Multi-pole Magnetic Strip
for Linear Motion Sensing
Figure 2: Block Diagram of AS5311
Sin
Cos
Ang
Mag
MagINCn
MagDECn
DO
PWM
CLK
A
B
Index
Prog
CSn
VDD5V
VDD3V3
AS5311
AS5311
High Resolution Magnetic Linear Encoder


Similar Part No. - AS5311

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5311 AMSCO-AS5311 Datasheet
418Kb / 29P
High Resolution Magnetic Linear Encoder
AS5311-ATST AMSCO-AS5311-ATST Datasheet
418Kb / 29P
High Resolution Magnetic Linear Encoder
AS5311-ATSU AMSCO-AS5311-ATSU Datasheet
418Kb / 29P
High Resolution Magnetic Linear Encoder
AS5311 AMSCO-AS5311_07 Datasheet
418Kb / 29P
High Resolution Magnetic Linear Encoder
More results

Similar Description - AS5311

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS9000 HP-HEDS9000 Datasheet
263Kb / 9P
Two Channel High Resolution Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
Two Channel High Resolution Optical Incremental Encoder Modules
logo
TDK Electronics
VLF4012AT TDK-VLF4012AT Datasheet
34Kb / 2P
High magnetic shield construction should actualize high resolution
logo
Hamamatsu Corporation
P11159-01AS HAMAMATSU-P11159-01AS Datasheet
221Kb / 4P
Small package and high resolution encoder module
logo
Honeywell Solid State E...
APS00B HONEYWELL-APS00B Datasheet
607Kb / 6P
High Resolution Magnetic Angular Position Sensor IC
logo
Honeywell Accelerometer...
APS00A HONEYWELL-ACC-APS00A Datasheet
607Kb / 6P
High Resolution Magnetic Angular Position Sensor IC
logo
ams AG
AS5311 AMSCO-AS5311_07 Datasheet
418Kb / 29P
High Resolution Magnetic Linear Encoder
logo
Hamamatsu Corporation
P11159-201AS HAMAMATSU-P11159-201AS_15 Datasheet
162Kb / 4P
Small package and high resolution encoder module
logo
Broadcom Corporation.
AEDR-871X BOARDCOM-AEDR-871X Datasheet
1Mb / 14P
3-Channel High Resolution Reflective Incremental Encoder (Digital Outputs)
logo
IC-Haus GmbH
IC-LFH ICHAUS-IC-LFH Datasheet
1Mb / 14P
HIGH-RESOLUTION LINEAR IMAGE SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com