Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5311 Datasheet(PDF) 8 Page - ams AG

Part # AS5311
Description  High Resolution Magnetic Linear Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Datasheet(HTML) 8 Page - ams AG

Back Button AS5311 Datasheet HTML 4Page - ams AG AS5311 Datasheet HTML 5Page - ams AG AS5311 Datasheet HTML 6Page - ams AG AS5311 Datasheet HTML 7Page - ams AG AS5311 Datasheet HTML 8Page - ams AG AS5311 Datasheet HTML 9Page - ams AG AS5311 Datasheet HTML 10Page - ams AG AS5311 Datasheet HTML 11Page - ams AG AS5311 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
AS5311
Data Sheet
www.austriamicrosystems.com
Revision 1.01
8 - 23
6.3.4
Tristate CMOS Output: DO
Operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation) unless
otherwise noted.
Parameter
Symbol
Min
Max
Unit
Note
High level output voltage
VOH
VDD5V –0.5
V
Low level output voltage
VOL
VSS+0.4
V
Output current
IO
4
2
mA
mA
VDD5V: 4.5V
VDD5V: 3V
6.4
Magnetic Input Specification
Operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5 - 5.5V (5V operation) unless
otherwise noted.
Two-pole cylindrical diametrically magnetised source:
Parameter
Symbol
Min
Typ
Max
Unit
Note
Pole length
Lp
1
mm
Pole pair length
tmag
2
mm
Recommended magnet: plastic or rubber
bonded ferrite or NdFeB
Magnetic input field
amplitude
Bpk
10
40
mT
Required vertical component of the magnetic
field strength on the die’s surface
Magnetic offset
Boff
± 5
mT
Constant magnetic stray field
Magnetic field
temperature drift
Btc
0.2
%/K
Recommended magnet: plastic or rubber
bonded ferrite or NdFeB
Magnetic input field
variation
±2
%
Including offset gradient
Linear travelling speed
Vabs
650
mm/
sec
Incremental output: 1024 steps / polepair
including interpolation
1)
Displacement
Disp
0.5
mm
Max. shift between defined Hall sensor
center and magnet centerline (see Figure
17); depends on magnet geometries
Vertical gap
ZDist
0.3
mm
Package to magnet surface;
depends on magnet strength
-0.19
Plastic or rubber bonded Ferrite
Recommended magnet
material and
temperature drift
-0.12
%/K
Plastic or rubber bonded Neodymium
(NdFeB)
Note
1): There is no upper speed limit for the absolute outputs. With increasing speed, the distance between two
samples increases. The travelling distance between two subsequent samples can be calculated as:
where: sampling_distance = travelling distance between samples in mm
v = travelling speed in mm/sec
fs = sampling rate in Hz
(see 6.5 below)
6.5
Electrical System Specifications
Operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0~3.6V (3V operation) VDD5V = 4.5~5.5V (5V operation) unless
otherwise noted.
Parameter
Symbol
Min
Typ
Max
Unit
Note
Resolution, absolute outputs
RESabs
12
bit /
polepair
0.488 um/step (12bit / 2mm pole
pair)
Resolution, incremental
outputs
RESinc
10
bit /
polepair
1.95 um/step (10bit / 2mm pole
pair)
Integral non-linearity
(optimum)
INLopt
± 5.6
μm
Maximum error with respect to the
best line fit. Ideal magnet
Tamb =25 °C.
fs
v
dist
sampling
=
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com