Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5311 Datasheet(PDF) 14 Page - ams AG

Part # AS5311
Description  High Resolution Magnetic Linear Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Datasheet(HTML) 14 Page - ams AG

Back Button AS5311 Datasheet HTML 10Page - ams AG AS5311 Datasheet HTML 11Page - ams AG AS5311 Datasheet HTML 12Page - ams AG AS5311 Datasheet HTML 13Page - ams AG AS5311 Datasheet HTML 14Page - ams AG AS5311 Datasheet HTML 15Page - ams AG AS5311 Datasheet HTML 16Page - ams AG AS5311 Datasheet HTML 17Page - ams AG AS5311 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
AS5311
Data Sheet
www.austriamicrosystems.com
Revision 1.01
14 - 23
7.4
Absolute Output Jitter and Hysteresis
Note that there is no hysteresis or additional filtering at the absolute output. This allows a determination of the
magnet’s absolute position within one pole pair down to submicron range.
Due to the intentionally omitted hysteresis and due to noise (e.g. from weak magnetic fields), the absolute output
may jitter when the magnet is stationary over the chip.
In order to get a stable 12-bit absolute reading, two common methods may be implemented to reduce the jitter.
7.4.1
Adding a Digital Hysteresis
The hysteresis feature of the incremental outputs is described in 7.2. An equivalent function can be implemented
in the software of the external microcontroller. The hysteresis should be larger than the peak-to-peak noise
(=jitter) of the absolute output in order to mask it and create a stable output reading.
Remark: the 2-bit hysteresis on the incremental output (=3.9µm) is equivalent to a hysteresis of 8LSB on the
absolute output.
7.4.2
Implementing Digital Filtering
Another useful alternative or additional method to reduce jitter is digital filtering. This can be accomplished
simply by averaging, for example a moving average calculation in the external microcontroller. Averaging 4
readings results in 6dB (=50%) noise and jitter reduction. An average of 16 readings reduces the jitter by a
factor of 4.
Averaging causes additional latency of the processed data. Therefore it may be useful to adjust the depth of
averaging depending on speed of travel. For example using a larger depth when the magnet is stationary and
reducing the depth when the magnet is in motion.
7.5
Z-axis Range Indication (“Red/Yellow/Green” Indicator)
The AS5311 provides several options of detecting the magnet distance by indicating the strength of the
magnetic field. Signal indicators MagINCn and MagDECn are available both as hardware pins (pins 1 and 2) and
as status bits in the serial data stream (see Figure 8). Additionally the LIN status bit indicates the non-
recommended “red” range. The MAGnitude register provides additional information about the strength of the
magnetic field (see Figure 9).
The digital status bits MagINC, MagDec, LIN and the hardware pins MagINCn, MagDECn have the following
function:
Table 5: Magnetic Field Strength Red-Yellow-Green Indicators
Status Bits
MAG
Hardware Pins
Mag
INC
Mag
DEC
LIN
M11..
M0
Mag
INCn
Mag
DECn
Description
0
0
0
3F hex
Off
Off
No distance change
Magnetic input field OK ( GREEN range, ~10…40mT peak
amplitude)
0
1
0
3F hex
Off
Off
Distance increase; this state is a dynamic state and only
active while the magnet is moving away from the chip.
Magnitude register may change but regulates back to 3F hex.
1
0
0
3F hex
Off
Off
Distance decrease; this state is a dynamic state and only
active while the magnet is moving towards the chip.
Magnitude register may change but regulates back to 3F hex.
1
1
0
20 hex-
5F hex
On
Off
YELLOW range: magnetic field is ~3.4….54.5mT.
The AS5311 may still be operated in this range, but with
slightly reduced accuracy.
1
1
1
<20 hex
>5F hex
On
On
RED range: magnetic field is <3.4mT (MAG <20) or >54.5mT
(MAG >5F).
It is still possible to operate the AS5311 in the red range, but
not recommended.
All other combinations
n/a
n/a
Not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com