Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5311 Datasheet(PDF) 12 Page - ams AG

Part # AS5311
Description  High Resolution Magnetic Linear Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Datasheet(HTML) 12 Page - ams AG

Back Button AS5311 Datasheet HTML 8Page - ams AG AS5311 Datasheet HTML 9Page - ams AG AS5311 Datasheet HTML 10Page - ams AG AS5311 Datasheet HTML 11Page - ams AG AS5311 Datasheet HTML 12Page - ams AG AS5311 Datasheet HTML 13Page - ams AG AS5311 Datasheet HTML 14Page - ams AG AS5311 Datasheet HTML 15Page - ams AG AS5311 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
AS5311
Data Sheet
www.austriamicrosystems.com
Revision 1.01
12 - 23
7.2
Incremental Output Hysteresis
Figure 7: Hysteresis Illustration
Magnet Position
Hysteresis:
2 steps
X +2
Incremental
Output
Indication
Movement left -> right
Movement right -> left
X +4
X
X
X+2
X+4 X+5
X+3
X+1
X +1
X +3
To avoid flickering incremental outputs at a stationary magnet position, a hysteresis is introduced.
In case of a movement direction change, the incremental outputs have a hysteresis of 2 LSB. For constant
movement directions, every magnet position change is indicated at the incremental outputs (see Figure 6). If for
example the magnet moves from position „x+3“ to „x+4“, the incremental output would also indicate this position
accordingly.
A change of the magnet’s movement direction back to position „x+3“ means, that the incremental output still
remains unchanged for the duration of 2 LSB, until position „x+2“ is reached. Following this movement, the
incremental outputs will again be updated with every change of the magnet position.
7.3
Synchronous Serial Interface (SSI)
The Serial interface allows data transmission of the 12-bit absolute linear position information (within one pole
pair = 2.0mm). Data bits D11:D0 represent the position information with a resolution of 488nm (2000µm / 4096)
per step.
CLK must be high at the falling edge of CSn.
Figure 8: Synchronous Serial Interface with Absolute Angular Position Data
D11
1
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
OCF COF
LIN
Mag
INC
Mag
DEC
Even
PAR
D11
1
18
8
t
CLK FE
t
CSn
t
DO Tristate
Status Bits
Angular Position Data
t
DO valid
t
DO active
T
CLK/2
t
CLK FE
CSn
DO
CLK
If CLK is low at the falling edge of CSn, the first 12 bits represent the magnitude information, which is
proportional to the magnetic field strength. This information can be used to detect the presence and proper
distance of the magnetic strip by comparing it to a known good value (depends on the magnet material and
distance).
The automatic gain control (AGC) maintains a constant MAGnitude value of 3F hex (=”green” range). If the MAG
value is <>3F hex, the AGC is out of the regulating range (“yellow” or “red” range). See Table 5 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com