Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530 Datasheet(PDF) 7 Page - ams AG

Part # AS8530
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530 Datasheet(HTML) 7 Page - ams AG

Back Button AS8530 Datasheet HTML 3Page - ams AG AS8530 Datasheet HTML 4Page - ams AG AS8530 Datasheet HTML 5Page - ams AG AS8530 Datasheet HTML 6Page - ams AG AS8530 Datasheet HTML 7Page - ams AG AS8530 Datasheet HTML 8Page - ams AG AS8530 Datasheet HTML 9Page - ams AG AS8530 Datasheet HTML 10Page - ams AG AS8530 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8530
Revision 0.01
7 - 29
AS8530
Preliminary Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6.1.1 Low Dropout Regulator
The LDO is a linear voltage regulator, which provides a regulated (band-gap stabilized) output voltage (VCC) from the battery supply voltage
(VSUP).
(6V < VSUP < 18V; -40ºC < TJ < +150ºC; all voltages are with respect to ground (VSS); positive current flows into the pin), normal operating
mode if not otherwise mentioned.
6.1.2 LIN Transceiver
(4.5V < VCC < 5.5V; 6V < VSUP < 18V; -40ºC < TJ < 150ºC, VBUS is the voltage on the LIN node. All voltages are with respect to ground (VSS);
positive current flows into the pin.
Table 5. LDO Block Specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VSUP
Battery Voltage Range
Default,
Need safe operating area calculations with
package Rth
612
18V
VCC
Output Voltage Range
Load < 50mA
4.85
5.0
5.15
V
Factory option, load < 50mA
3.15
3.3
3.45
50 to 65mA
4.5
5.15
Factory option, 50 to 65mA
2.9
3.3
3.45
Standby mode @ ICC < 5mA
4.5
5.5
Load-dump condition, Iload < 50mA
5.5
Factory option,
Standby mode @ ICC < 5mA
33.6
ICC_SH
Output Short Circuit Current
Normal mode
50
250
mA
Standby mode
5
250
dVCC1
Line Regulation
ΔVCC / ΔVSUP
8
mV/V
LOREG_SM
Load Regulation (Standby mode)
ΔVCC / ΔICCn (for Iload > 500uA)
10
mV/mA
LOREG_NM
Load Regulation (Normal mode)
ΔVCC / ΔICCn (for Iload > 500uA)
1
mV/mA
CL1
Output Capacitor (Electrolytic)
2.2
10
µF
ESR1
110
Ω
CL2
Output Capacitor (Ceramic)
100
220
nF
ESR2
0.02
1
Ω
CSUP1E
Input capacitor (Electrolytic)
For EMC suppression
10
100
µF
ESR1_CSUP
110
Ω
CSUP2C
Input capacitor (Ceramic)
For EMC suppression
100
220
nF
ESR2_CSUP
0.02
1
Ω
Table 6. DC Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Driver
Ibus_lim
Current limitation in Dominant State
LIN = VSUP_max
40
120
200
mA
LIN_VOL
Output Voltage BUS (dominant state),
ILIN = 40mA
(short-circuit condition tested at VOL = 2.5V)
2V
Pull-up resistor
Normal mode (recessive BUS level on TX
pin)
20
40
60
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com