Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530 Datasheet(PDF) 1 Page - ams AG

Part # AS8530
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530 Datasheet(HTML) 1 Page - ams AG

  AS8530 Datasheet HTML 1Page - ams AG AS8530 Datasheet HTML 2Page - ams AG AS8530 Datasheet HTML 3Page - ams AG AS8530 Datasheet HTML 4Page - ams AG AS8530 Datasheet HTML 5Page - ams AG AS8530 Datasheet HTML 6Page - ams AG AS8530 Datasheet HTML 7Page - ams AG AS8530 Datasheet HTML 8Page - ams AG AS8530 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
AS8530
LIN Transceiver with Integrated Voltage Regulator and
MCU Interface for Automotive Applications
www.austriamicrosystems.com/Lin_CompanionIC/AS8530
Revision 0.01
1 - 29
Preliminary Data Sheet
1 General Description
The AS8530 is a general purpose companion IC for sensor and
actuator LIN slaves offering LIN transceiver and low drop voltage
regulator.
As well it provides a 2-wire microcontroller interface through shared
EN and TX pins to access a window watchdog with RC oscillator,
control registers, backup registers and monitoring information.
The IC is fabricated in a high voltage CMOS technology which is
able to withstand voltages up to 50V.
The product is available in SOIC package with exposed pad.
2 Key Features
Operating voltage 6 to 18V, max 42V for 500ms
Linear, low-drop voltage regulator: VCC = 5V±3% or 3.3V as a
factory programming option
50mA load current
Operating modes: Normal and Standby or Normal and Sleep as
a factory option
Typically 40µA quiescent current in standby mode, Typically
30µA quiescent current in sleep mode
Under voltage reset with factory options
LIN bus transceiver with load independent slew control
conforming to LIN 2.1 and SAE J2602, short circuit protection,
TX time out fail safe feature, over temperature warning and shut
down
6kV ESD on LIN pin according to IEC 61000-4-2
Window watchdog if factory enabled.
Micro controller 2-wire interface through shared pins for watch-
dog trigger, monitoring, register read /write
Chip ID for traceability and module ID
8 Backup registers to store data during VCC shut down
8 pin epSOIC package
-40ºC to +125ºC ambient operating temperature
3 Applications
The AS8530 is a System Basis Chip for automotive LIN networked
sensor or actuator slaves.
Figure 1. AS8530 LIN Transceiver Block Diagram
LDO
Temperature
Limiter
Mode
Control
2 wire inter-
face
Window
Watchdog
(WWD)
POR-VSUP
POR-VCC
Reset
Block
Control
Signals
RESET_VCC_N
RESET_VSUP_N
LIN Wakeup
Receiver
VSUP
WWD Output
RESET_VSUP_N
Transmitter
Slew
Control
LIN Transceiver
30k
15k
VCC
VCC
TSHD
VCC
RESET
RX
TX
GND
BUS
EN
VSUP
AS8530


Similar Part No. - AS8530

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8530 AMSCO-AS8530 Datasheet
958Kb / 32P
LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
AS8530 AMSCO-AS8530 Datasheet
960Kb / 32P
LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
AS8530 AMSCO-AS8530 Datasheet
468Kb / 33P
LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
AS8530-ASOM AMSCO-AS8530-ASOM Datasheet
468Kb / 33P
LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
AS8530-ASOP AMSCO-AS8530-ASOP Datasheet
468Kb / 33P
LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
More results

Similar Description - AS8530

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7361A ONSEMI-NCV7361A_05 Datasheet
192Kb / 28P
Voltage Regulator with Integrated LIN Transceiver
March, 2005 ??Rev. 0
logo
Melexis Microelectronic...
TH8061 MELEXIS-TH8061 Datasheet
1Mb / 36P
Voltage Regulator with integrated LIN Transceiver
logo
ams AG
AS8520 AMSCO-AS8520 Datasheet
985Kb / 34P
LIN Transceiver with Voltage Regulator, Attenuator, Relay Drivers, MCU Interface for Automotive Applications
logo
NXP Semiconductors
TJA1028 NXP-TJA1028 Datasheet
208Kb / 24P
LIN transceiver with integrated voltage regulator
Rev. 2-25 February 2011
logo
ams AG
AS8530 AMSCO-AS8530_1 Datasheet
958Kb / 32P
LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
AS8530_V1 AMSCO-AS8530_V1 Datasheet
960Kb / 32P
LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
AS8530 AMSCO-AS8530_07 Datasheet
468Kb / 33P
LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
logo
Infineon Technologies A...
TLE8458 INFINEON-TLE8458_15 Datasheet
1Mb / 31P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.1, 2014-04-01
TLE8457 INFINEON-TLE8457 Datasheet
1Mb / 33P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
TLE8458 INFINEON-TLE8458 Datasheet
1Mb / 31P
LIN Transceiver with integrated Voltage Regulator
Rev. 1.1, 2014-04-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com