Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530 Datasheet(PDF) 22 Page - ams AG

Part # AS8530
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530 Datasheet(HTML) 22 Page - ams AG

Back Button AS8530 Datasheet HTML 18Page - ams AG AS8530 Datasheet HTML 19Page - ams AG AS8530 Datasheet HTML 20Page - ams AG AS8530 Datasheet HTML 21Page - ams AG AS8530 Datasheet HTML 22Page - ams AG AS8530 Datasheet HTML 23Page - ams AG AS8530 Datasheet HTML 24Page - ams AG AS8530 Datasheet HTML 25Page - ams AG AS8530 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8530
Revision 0.01
22 - 29
AS8530
Preliminary Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
8.7.1.2 Write Command
For Write command RD/WR = 0
After the command code, length of the transfer is send in next two bits, the address of register to be written has to be provided from the MSB to
the LSB. Then one, two, four, or eight data bytes can be transferred from the MSB to the LSB. For each data byte following the first one, used
address is the incremented value of the previously written address. Each bit of the frame has to be driven by the 2-Wire SP master on the SP
clock (EN pin) positive edge and the 2-Wire SP slave (device) samples this bit on the next SP clock (EN pin) negative edge. In the following
figures two examples of write command (without and with address self-increment).
Figure 14. Protocol for Serial Data Write with Length = 1
Figure 15. Protocol for Serial Data Write with Length = 4
8.7.1.3 Read Command
For Read command RD/WR=1.
After the command code, length of the transfer is send in next two bits, the address of register to be read has to be provided from the MSB to the
LSB. Then one, two, four or eight data bytes can be transferred from the SPI slave to the master, always from the MSB to the LSB.
Each bit of the command and address sections of the frame have to be driven by the 2-Wire SP master on the SP clock (EN pin) positive edge
and the 2-Wire SP slave (device) samples this bit on the next SP clock (EN pin) negative edge. Each bit of the data phase of the frame has to be
driven by the 2-Wire SP slave (device) on the SP clock (EN pin) positive edge and the 2-Wire SP master samples this bit on the next SP clock
(EN pin) negative edge. The following figures illustrate two examples of read command (without and with address self-increment.)
EN
TX
0
LEN1
LEN0
A4
A0
A1
A2
A3
D0
D1
D2
D3
D4
D5
D7
D6
Transfer edge
Sampling edge
Data D7 – D0 is moved to
Address A4..A0 here
LEN1 = 0
LEN0 = 0
Command & Address Phase
Data Phase
Length of Transaction = 1
EN
TX
1
LE
N1
LE
N0
A
4
A
0
A
1
A
2
A
3
D
0
D
1
D
2
D
3
D
4
D
5
D
7
D
6
D
0
D
1
D
2
D
3
D
4
D
5
D
6
D
0
D
1
D
2
D
3
D
4
D
5
D
6
D
7
D
7
D
1
D
2
D
3
D
4
D
5
D
6
D
7
D
0
Data D7-D0 is moved
to Address A4-A0
here
10
Command & Address
Phase
Data1 Phase
Data2 Phase
Data3 Phase
Data4 Phase
LEN1 = 1
LEN0 = 0
Length = 4
Data D7-D0 is moved
to Address A4-A0 + 1
here
Data D7-D0 is moved to
Address A4-A0 + 2 here
Data D7-D0 is moved
to Address A4-A0 + 3
here



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com