Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530 Datasheet(PDF) 8 Page - ams AG

Part # AS8530
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530 Datasheet(HTML) 8 Page - ams AG

Back Button AS8530 Datasheet HTML 4Page - ams AG AS8530 Datasheet HTML 5Page - ams AG AS8530 Datasheet HTML 6Page - ams AG AS8530 Datasheet HTML 7Page - ams AG AS8530 Datasheet HTML 8Page - ams AG AS8530 Datasheet HTML 9Page - ams AG AS8530 Datasheet HTML 10Page - ams AG AS8530 Datasheet HTML 11Page - ams AG AS8530 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8530
Revision 0.01
8 - 29
AS8530
Preliminary Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Ibus_leak_rec
Driver OFF;
VSUP = 7.3V, 8V<VBUS<18
20
µA
Receiver
Ibus_leak_dom
Input Leakage current at receiver
Driver OFF; Vbus = 0V; VSUP = 12V;
VCC = 5V
-1
mA
Ibus_no_GND
VSS = VSUP; VSUP = 12V;
0V<VBUS<18V, VCC = 5V
-1
1
mA
Ibus_no_bat
VSUP = VSS; 0V<VBUS<18V, VCC = VSS
100
µA
Vbus_dom
0.4
VSUP
Vbus_rec
0.6
VSUP
Vbus_cnt
Vbus_cnt = (Vth_dom + Vth_rec)/2
1
0.475
0.525
VSUP
Vhys
Vhys = (Vth_dom – Vth_rec)
1
0.05
0.175
VSUP
1. Vth_dom: Receiver threshold of the recessive to dominant LIN bus edge
Vth_rec: Receiver threshold of the dominant to recessive LIN bus edge
Table 7. AC Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
D1
(worst case
20Kbps
transmission)
Vth_rec(max) = 0.744 x VSUP;
Vth_dom(max) = 0.581 x VSUP;
VSUP = 6.0V to 18V; tbit = 50μs;
D1 = tbus_rec(min) / (2 x tbit)
OTP selection = High Slew Mode
0.369
D2
(worst case
20kbps
transmission)
Vth_rec (min) = 0.422 x VSUP;
Vth_dom (min) = 0.284 x VSUP;
VSUP = 6V to 18V; tbit = 50μs;
D2 = tbus_rec(max) / (2 x tbit)
OTP selection = High Slew Mode
0.581
D3
(worst case
10.4kbps
transmission)
Vth_rec (max) = 0.778 x VSUP;
Vth_dom (max) = 0.616 x VSUP;
VSUP = 6.0V to 18V; tbit = 96μs;
D3 = tbus_rec(min) / (2 x tbit)
OTP selection = Low Slew Mode
0.417
D4
(worst case
10.4kbps
transmission)
Vth_rec (min) = 0.389 x VSUP;
Vth_dom (min) = 0.251 x VSUP;
VSUP = 6V to18V; tbit = 96μs;
D4 = tbus_rec(max) / (2 x tbit)
OTP selection = Low Slew Mode
0.59
tdLR
VCC = 5V; Propagation delay bus dominant
to RX LOW
6µs
tdHR
VCC = 5V; Propagation delay bus dominant
to RX HIGH
6µs
tRS
Receiver Delay symmetry
-2
2
µs
twake
Wake-up delay time
30
150
µs
tsln
Transition from standby mode to normal
mode (clock frequency is 128kHz ± 25%)
4
Clock
cycles
Table 6. DC Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com