Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530 Datasheet(PDF) 10 Page - ams AG

Part # AS8530
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530 Datasheet(HTML) 10 Page - ams AG

Back Button AS8530 Datasheet HTML 6Page - ams AG AS8530 Datasheet HTML 7Page - ams AG AS8530 Datasheet HTML 8Page - ams AG AS8530 Datasheet HTML 9Page - ams AG AS8530 Datasheet HTML 10Page - ams AG AS8530 Datasheet HTML 11Page - ams AG AS8530 Datasheet HTML 12Page - ams AG AS8530 Datasheet HTML 13Page - ams AG AS8530 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8530
Revision 0.01
10 - 29
AS8530
Preliminary Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Vuvr1_off
VCC under voltage threshold off
(Default)
Rising edge of VCC
3.0
3.4
V
Vuvr1_on
VCC under voltage threshold on
(Factory Option)
Falling edge of VCC
2.75
3.15
V
Vuvr2_off
VCC under voltage threshold off
(Factory Option)
Rising edge of VCC
3.5
3.9
V
Vuvr2_on
VCC under voltage threshold on
(Factory Option)
Falling edge of VCC
3.25
3.65
V
Vuvr3_off
VCC under-voltage threshold off
(Factory Option)
Rising edge of VCC
4.0
4.4
V
Vuvr3_on
VCC under voltage threshold on
(Factory Option)
Falling edge of VCC
3.75
4.15
V
Vhyst_vcc
Hysteresis of under-voltage threshold
on/off VCC
Default and all other OTP options
0.1
0.25
0.4
V
trr
Spike filter on VCC
To remove disturbance
4
µs
Vsuvr_off
VSUP under-voltage threshold off
3.85
V
Vsuvr_on
VSUP under-voltage threshold on
BOR level (considered to be the Master
Reset for AS8530)
3.25
V
Hysteresis on under-voltage threshold
on/off VSUP
0.2
0.5
0.7
V
WD_TCL
WWD non-service time
(if factory enabled)
RESET will be generated
1
0-75
0 -100
0-125
ms
WD_TSV
WWD Service – time
(if factory enabled)
RESET will not be generated
75-150 100-200 125-250
ms
tRes
Reset delay time
4ms, 16ms, 32ms (typ) are factory options
(min = -25% and max = +50% of typical)
68
12
ms
Tshd
Temporary shutdown reset active time
0.1
1
s
1. -40%, -20%, +20%, +60%, and +100% timings are available as factory options.
Table 11. Two Port Serial Interface
Symbol
Parameter
Conditions
Min
Typ
Max
Units
General
BR2WIRE_SPI
Bit rate
250
Kbps
TENSCLK_H
Clock high time
2
µs
TENSCLK_L
Clock low time
2
µs
Write timing
tDI_SU
Data in setup time
20
ns
tDI_HD
Data in hold time
10
ns
Read timing
tDO_S
Data out setup time
130
ns
tDO_HD
Data out hold time
135
ns
tDO_D
Data out delay
80
ns
Table 10. Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com