Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530 Datasheet(PDF) 5 Page - ams AG

Part # AS8530
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530 Datasheet(HTML) 5 Page - ams AG

  AS8530 Datasheet HTML 1Page - ams AG AS8530 Datasheet HTML 2Page - ams AG AS8530 Datasheet HTML 3Page - ams AG AS8530 Datasheet HTML 4Page - ams AG AS8530 Datasheet HTML 5Page - ams AG AS8530 Datasheet HTML 6Page - ams AG AS8530 Datasheet HTML 7Page - ams AG AS8530 Datasheet HTML 8Page - ams AG AS8530 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8530
Revision 0.01
5 - 29
AS8530
Preliminary Data Sheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Section 6 Electrical Characteristics on page 6 is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
DC Supply Voltage
VSUP
-0.3
18
V
42
Transient up to 500ms duration
EN
-0.3
VSUP +
0.3
V
VCC
-0.3
7
V
LIN
-27
+40
V
RESET, RX, TX
-0.3
VCC + 0.3
V
Input current (latchup immunity) Iscr
-100
100
mA
Norm: Jedec 78
Electrostatic Discharge (ESD)
±2
kV
For on board signals VCC, TX, RX, Reset
±4
For VSUP
±8
LIN to VSS, HBM Model
±6
LIN to VSS, IEC6100-4-2
±0.5
LIN to VSS, CDM
±0.1
LIN to VSS, MM
Total operating power dissipation (all supplies and
outputs) Pt
0.4
W
epSOIC8 in still air, soldered on JEDEC standard
board @125º ambient, static operation = no time limit
Thermal Package Resistance (Rth)
33
K/W
Soldered on JEDEC standard board @125º ambient,
static operation = no time limit
Storage temperature (Tstrg)
-55
+150
ºC
Package body temperature (Tbody)
+260
ºC
The reflow peak soldering temperature (body
temperature) is specified according IPC/JEDEC J-
STD-020C “Moisture/Reflow Sensitivity Classification
for Non hermetic Solid State Surface Mount Devices”.
Humidity non-condensing
5
85
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com