Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530 Datasheet(PDF) 15 Page - ams AG

Part # AS8530
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530 Datasheet(HTML) 15 Page - ams AG

Back Button AS8530 Datasheet HTML 11Page - ams AG AS8530 Datasheet HTML 12Page - ams AG AS8530 Datasheet HTML 13Page - ams AG AS8530 Datasheet HTML 14Page - ams AG AS8530 Datasheet HTML 15Page - ams AG AS8530 Datasheet HTML 16Page - ams AG AS8530 Datasheet HTML 17Page - ams AG AS8530 Datasheet HTML 18Page - ams AG AS8530 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8530
Revision 0.01
15 - 29
AS8530
Preliminary Data Sheet - D e t a i l e d D e s c r i p t i o n
7.2.5 Thermal Shutdown State
If the junction temperature TJ is higher than Tsd, the AS8530 will be switched into the thermal shutdown mode. The transceiver is completely
disabled. No wake-up functionality is available. Window watchdog, TX timeout watchdog, and LDO are completely turned off. Only the over-
temperature monitor would be working. As soon as the temperature returns back to Tret, the system enters normal mode. For more information
on transition, see Table 12.
Note:
L = low state, H = high state, OT = Over-temperature Reset, Uvcc = Undervoltage VCC, Uvbat = Undervoltage VBAT, rwake =remote
wake, X = do not care.
Table 12. Transition Table
Transition
Interface
Reg.
0x05
D0
Flags
From mode
To mode
LIN
RX
TX
EN
rwake Uvbat
OT
Uvcc
Comments
Normal
Mode
Stand-By
X-RS
X-H
2
H
3
H-L
3
L
X
X
inactive
inactive
TX is high for
TSTNDY_triggerr
Sleep
1
1. Chosen by factory programming option
X-RS
X-H
2
H
3
H-L
3
L
X
X
inactive
set
TX is high for
TSTNDY_triggerr
1
Temporary
Shutdown
X-RS
X-H
2
X
H
3
H
X
X
inactive
set
The Control Bit is set
through the 2-Wire SP
interface
Over-
Temperature
X-RS
X-H
2
XX
L
X
X
set
set
Temperature monitor
output asserted
(covered by scan)
Stand-By
Mode
Normal (LW)
X
H-X
2
X
L-H
3
L
X
X
inactive
inactive
Normal (RW)
X
H-X
2
H
X
L
set
X
inactive
inactive
Remote Wake up
Event occurred on
LIN
Temporary
Shutdown
RS
H
2
HL
H
3
XX
inactive
set
The Control Bit is set
through the 2-Wire SP
interface
Over-
Temperature
RS
H
2
HL
L
X
X
set
set
Temperature monitor
output asserted
(covered by scan)
Temporary
Shutdown
Mode
Normal
RS-X
H-X
2
X
X
L
X
X
inactive
clear
Internal 128ms timer
expired
Over-
Temperature
Mode
Normal
RS-X
H-X
2
X
X
L
X
X
clear
clear
Temperature monitor
output de-asserted
(covered by scan)
Sleep Mode
3
Normal
RS-X
H-X
2
X
X
L
set
X
inactive
clear
Remote Wake up
Event occurred on
LIN
Over-
Temperature
RS
H
2
2. Effect of Transition
X
X
L
X
X
set
hold
Temperature monitor
output asserted
(covered by scan)
All States
Power Off
XXXX
X
X
L-H
3
3. Cause for Transition
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com