Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530 Datasheet(PDF) 11 Page - ams AG

Part # AS8530
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530 Datasheet(HTML) 11 Page - ams AG

Back Button AS8530 Datasheet HTML 7Page - ams AG AS8530 Datasheet HTML 8Page - ams AG AS8530 Datasheet HTML 9Page - ams AG AS8530 Datasheet HTML 10Page - ams AG AS8530 Datasheet HTML 11Page - ams AG AS8530 Datasheet HTML 12Page - ams AG AS8530 Datasheet HTML 13Page - ams AG AS8530 Datasheet HTML 14Page - ams AG AS8530 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8530
Revision 0.01
11 - 29
AS8530
Preliminary Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
tDI_HZ
Data in to high impedance delay
time for the Microcontroller to release
the TX bus
80
ns
Timing parameters when entering 2-Wire SP mode
Ttx_su
TX setup time before EN goes Low
20
ns
Ttx_hd
TX hold time after EN goes High
20
ns
Ttx_SP_trigger
EN falling edge to TX falling edge
To enter into 2-Wire SP mode.
2
10
µs
TSTNDY_trigger
TX high time from EN falling edge
To enter into Sleep/Standby mode.
5
cycles
Ten_ENSCLK
EN falling edge to start of 2-wire serial
port clock
5cycles
Table 11. Two Port Serial Interface
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com