Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530 Datasheet(PDF) 25 Page - ams AG

Part # AS8530
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530 Datasheet(HTML) 25 Page - ams AG

Back Button AS8530 Datasheet HTML 21Page - ams AG AS8530 Datasheet HTML 22Page - ams AG AS8530 Datasheet HTML 23Page - ams AG AS8530 Datasheet HTML 24Page - ams AG AS8530 Datasheet HTML 25Page - ams AG AS8530 Datasheet HTML 26Page - ams AG AS8530 Datasheet HTML 27Page - ams AG AS8530 Datasheet HTML 28Page - ams AG AS8530 Datasheet HTML 29Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8530
Revision 0.01
25 - 29
AS8530
Preliminary Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Diagnosis Register
0 x 08
Diagnostic
Register 1
On
POR_VSUP
0000_001
R
b[7:0] are 8 LSB bits of the 24 bit Diagnostic Register
b[7]
WWDT Window watchdog timeout (set on failure of Window watchdog timeout,
cleared after µC read
b[6]
RWAKE Remote Wakeup (set on Remote Wakeup event on LIN Bus, cleared after
µC read)
b[5]
Reserved
b[4]
OVVBAT Overvoltage VBAT (set when VSUP > Vovthh, cleared after µC read)
b[3]
OTEMP140 Over-temperature warning (set when temp > Totset, cleared after µC
read)
b[2]
OTEMP160 Over-temperature Reset (set when temp > Tsd, cleared after µC read)
b[1]
UVVCC Undervoltage VCC (set when VCC < Vuvr_on, cleared after µC read)
b[0]
PORVSUP (set when VSUP < Vsuvr_on, cleared after µC read)
0 x 09
Diagnostic
Register 2
On
POR_VSUP
0000_0000
R
b[7:0] = DR[15:8] Next 8 LSB bits of the 24 bit Diagnostic Register.
b[7:2]
Reserved
b[1]
TEMPSHUT this bit is set on entering into temporary shutdown state and cleared
after µC read.
b[0]
TXTIMEOUT Tx timeout of 1sec (set on TX low > 1sec, cleared after µC read)
0 x 0A
Reserved
0 x 0B
Reserved
0 x 0C
Reserved
0 x 0D
Reserved
0 x 0E
Reserved
0 x 0F
Reserved
0 x 10
Backup
Register 1
On
POR_VSUP
0000_0000
b[7:0]
R/W
This can be used to store configuration/status data during Sleep mode.
0 x 11
Backup
Register 2
On
POR_VSUP
0000_0000
b[7:0]
R/W
This can be used to store configuration/status data during Sleep mode.
0 x 12
Backup
Register 3
On
POR_VSUP
0000_0000
b[7:0]
R/W
This can be used to store configuration/status data during Sleep mode.
0 x 13
Backup
Register 4
On
POR_VSUP
0000_0000
b[7:0]
R/W
This can be used to store configuration/status data during Sleep mode.
0 x 14
Backup
Register 5
On
POR_VSUP
0000_0000
b[7:0]
R/W
This can be used to store configuration/status data during Sleep mode.
0 x 15
Backup
Register 6
On
POR_VSUP
0000_0000
b[7:0]
R/W
This can be used to store configuration/status data during Sleep mode.
Table 17. Configuration Registers
Addr
Register
Name
POR Value
Bit
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com