Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530 Datasheet(PDF) 21 Page - ams AG

Part # AS8530
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530 Datasheet(HTML) 21 Page - ams AG

Back Button AS8530 Datasheet HTML 17Page - ams AG AS8530 Datasheet HTML 18Page - ams AG AS8530 Datasheet HTML 19Page - ams AG AS8530 Datasheet HTML 20Page - ams AG AS8530 Datasheet HTML 21Page - ams AG AS8530 Datasheet HTML 22Page - ams AG AS8530 Datasheet HTML 23Page - ams AG AS8530 Datasheet HTML 24Page - ams AG AS8530 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8530
Revision 0.01
21 - 29
AS8530
Preliminary Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
If the application doesn’t need the wake up capability of the AS8530, a direct connection EN to VCC is possible. In this case the AS8530
operates in permanent normal mode. Also possible is the external (outside of the module) control of the EN line via. VSUP signal as shown
below.
Figure 13. Permanent Normal Mode
8.7 Serial Port Interface
The interface is essentially used to trigger the window watchdog, to access test mode and read out diagnostic information for the AS8530. The
description of this interface and the protocol is explained below. Information on block status and errors can be displayed by diagnosis registers.
8.7.1 Device Configuration using 2-Wire Serial Port
The AS8530 device configuration register is programmed via a 2-wire Serial Programming Interface. EN/SCL is used as Serial Clock and TX/
SDA_IO is used as Serial Data. EN is used as clock input to access serial port registers in serial port mode. Also EN is used to control transition
from normal mode to standby/sleep mode. The TX input of the device will be multiplexed as following:
LIN TX for transmitting data from microcontroller on LIN bus
SDA_IO for Serial data input/output, this will be used for serially accessing data from configuration and status register
8.7.1.1 SP Frame
A frame is formed by first byte for command and address/configuration and following bit stream that can be formed by an integer number of
bytes. Command is coded RD/WR on the first bits, length of the transfer is indicated by LEN1, LEN2 bits while address is given on LSB 5 bits.
Table 15. Command Bits
Command Bits
Register Address or Transmission Configuration
RD/WR
LEN1
LEN2
A4
A3
A2
A1
A0
RD/WR
Command
<A4:A0>
Description
0
WRITE
ADDRESS
Writes data byte on the given starting address.
1
READ
ADDRESS
Read data byte from the given starting address.
Table 16. Transfer Length
LEN1
LEN2
Length
Description
001
Transfer consists of single Data phase. After completion of single Data phase device comes out of Serial
port interface.
0
1
2
Transfer consist of two Data phase.
1
0
4
Transfer consist of four Data phase.
1
1
8
Transfer consist of eight Data phase.
EN
VSUP
VSS
VCC
RESET
RX
TX
AS8530
MCU
+ 5V
Cload
VBAT
LIN
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com