Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8530 Datasheet(PDF) 12 Page - ams AG

Part # AS8530
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8530 Datasheet(HTML) 12 Page - ams AG

Back Button AS8530 Datasheet HTML 8Page - ams AG AS8530 Datasheet HTML 9Page - ams AG AS8530 Datasheet HTML 10Page - ams AG AS8530 Datasheet HTML 11Page - ams AG AS8530 Datasheet HTML 12Page - ams AG AS8530 Datasheet HTML 13Page - ams AG AS8530 Datasheet HTML 14Page - ams AG AS8530 Datasheet HTML 15Page - ams AG AS8530 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
www.austriamicrosystems.com/Lin_CompanionIC/AS8530
Revision 0.01
12 - 29
AS8530
Preliminary Data Sheet - D e t a i l e d D e s c r i p t i o n
7 Detailed Description
The AS8530 chip consists of a low drop-out regulator 5V/50mA and a LIN bus transceiver, which is a bi-directional bus interface for data transfer
between LIN bus and the LIN protocol controller. Additionally integrated is a RESET unit with a power-on-reset delay and a programmable
watchdog time. It also includes a watchdog time-out on LIN TX node to indicate if the microcontroller is stuck in a loop and the LIN bus remains
in dominant time for more than the necessary time.
7.1 Block Description
The main blocks of the AS8530 are explained below.
7.1.1 Voltage Regulator (LDO)
The voltage regulator has three operating modes. The features of the operating modes are given below:
Normal mode: Stability to be better ±0.15V over input range and temperature for load current up to 50mA. The LDO Output provides a volt-
age of 5V (3.3V as OTP option).
Standby mode: The Standby mode is a low quiescent current mode used in car applications that are always switched on. The load current
in standby mode is 5mA. Quiescent current (no load) is less than 25µA typically at room temperature.
Power down mode: The Power down or temporary shutdown of the regulator can be set by a register bit. This bit can be written through 2-
wire MCU interface.
The LDO takes the input from bandgap and scales it up to the required voltage. The LDO starts charging only after the POR-VSUP event occurs
(RESET_VSUP_N switched from low to high). The LDO can be powered-down by a control signal (temporary shutdown register) for the
temporary shutdown mode.
7.1.2 Temperature Limiter
Temperature limiter produces a power down when temperature exceeds 160ºC ±10%. It powers up and generates a reset when it returns to
140ºC ±10% junction temperature. During thermal shut down, temperature sensor is supplied by VSUP. There is an option control bit provided to
enable or disable this temperature monitoring circuit. During the temperature ramp-up phase, as soon as the temperature exceeds 140ºC ±10%,
a warning signal is issued and is written into the diagnostic register, which can be read through the SP interface.
7.1.3 VSUP Undervoltage Reset
VSUP undervoltage reset generates a reset RESET_VSUP_N, switched from low to high when VSUP ramps up above VSUVR_OFF. This is
used to enable proper initialization of mode control and diagnostic registers. If VSUP < VSUVR_ON, then RESET_VSUP_N switches from high
level to low level (active). This is considered to be the master reset and will have the highest priority over all other signals. As soon as VSUP <
VSUVR_ON, the LDO, LIN Transceiver is completely shut off and system comes to a complete stop. AS8530 enters into the normal operating
mode only after VSUP > VSUVR_OFF.
7.1.3.1 VSUP Undervoltage in Normal Mode
Supply Voltages below VSUVR_OFF and above VSUVR_ON do not influence the voltage regulator. The output voltage VCC follows VSUP.
7.1.3.2 VSUP Undervoltage in Standby Mode / Sleep Mode
No exit from the sleep mode or standby mode take place if the VSUP voltage drops down to VSUVR_OFF. If VSUP goes below VSUVR_ON,
RESET_VSUP_N is active and resets the mode control and diagnostic register. The voltage regulator, LIN Transceiver modules are turned off. If
VSUP rises again above VSUVR_OFF, RESET_VSUP_N is switched from low to high. The system enters normal mode where LIN Transceiver
and LDO are switched on.
7.1.3.3 VSUP Undervoltage in Low Slew Mode
The behavior of AS8530 at low VSUP voltages is equal to the sleep mode. The low slew mode (set by control register through serial interface as
an option) will be cancelled, if VSUP drops below VSUVR_ON in this mode. The AS8530 enters the normal mode, if VSUP rises again above
VSUVR_OFF.
7.1.4 RESET
Reset generates an external RESET signal to reset the microcontroller and all other external circuits. The reset functionality is illustrated in
Figure 4. Reset consists of a digital buffer at the output. RESET signal can be affected by RESET_VCC_N (which is the under-voltage reset on
VCC) and Window watchdog output. All those conditions which cause a drop in the VCC voltage will be detected from the low voltage reset unit,
which in-turn generates a reset signal. States like Temporary shut-down, Over-temperature monitor will influence the RESET output through
RESET_VCC_N signal only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com