Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 179 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 179 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 175Page - Texas Instruments AM1808AZCED3 Datasheet HTML 176Page - Texas Instruments AM1808AZCED3 Datasheet HTML 177Page - Texas Instruments AM1808AZCED3 Datasheet HTML 178Page - Texas Instruments AM1808AZCED3 Datasheet HTML 179Page - Texas Instruments AM1808AZCED3 Datasheet HTML 180Page - Texas Instruments AM1808AZCED3 Datasheet HTML 181Page - Texas Instruments AM1808AZCED3 Datasheet HTML 182Page - Texas Instruments AM1808AZCED3 Datasheet HTML 183Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 264 page
background image
AM1808
www.ti.com
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
6.20 Universal Serial Bus OTG Controller (USB0) [USB2.0 OTG]
The USB2.0 peripheral supports the following features:
•
USB 2.0 peripheral at speeds high speed (HS: 480 Mb/s) and full speed (FS: 12 Mb/s)
•
USB 2.0 host at speeds HS, FS, and low speed (LS: 1.5 Mb/s)
•
All transfer modes (control, bulk, interrupt, and isochronous)
•
4 Transmit (TX) and 4 Receive (RX) endpoints in addition to endpoint 0
•
FIFO RAM
–
4K endpoint
–
Programmable size
•
Integrated USB 2.0 High Speed PHY
•
Connects to a standard Charge Pump for VBUS 5 V generation
•
RNDIS mode for accelerating RNDIS type protocols using short packet termination over USB
Table 6-90 is the list of USB OTG registers.
Table 6-90. Universal Serial Bus OTG (USB0) Registers
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x01E0 0000
REVID
Revision Register
0x01E0 0004
CTRLR
Control Register
0x01E0 0008
STATR
Status Register
0x01E0 000C
EMUR
Emulation Register
0x01E0 0010
MODE
Mode Register
0x01E0 0014
AUTOREQ
Autorequest Register
0x01E0 0018
SRPFIXTIME
SRP Fix Time Register
0x01E0 001C
TEARDOWN
Teardown Register
0x01E0 0020
INTSRCR
USB Interrupt Source Register
0x01E0 0024
INTSETR
USB Interrupt Source Set Register
0x01E0 0028
INTCLRR
USB Interrupt Source Clear Register
0x01E0 002C
INTMSKR
USB Interrupt Mask Register
0x01E0 0030
INTMSKSETR
USB Interrupt Mask Set Register
0x01E0 0034
INTMSKCLRR
USB Interrupt Mask Clear Register
0x01E0 0038
INTMASKEDR
USB Interrupt Source Masked Register
0x01E0 003C
EOIR
USB End of Interrupt Register
0x01E0 0040
INTVECTR
USB Interrupt Vector Register
0x01E0 0050
GENRNDISSZ1
Generic RNDIS Size EP1
0x01E0 0054
GENRNDISSZ2
Generic RNDIS Size EP2
0x01E0 0058
GENRNDISSZ3
Generic RNDIS Size EP3
0x01E0 005C
GENRNDISSZ4
Generic RNDIS Size EP4
0x01E0 0400
FADDR
Function Address Register
0x01E0 0401
POWER
Power Management Register
0x01E0 0402
INTRTX
Interrupt Register for Endpoint 0 plus Transmit Endpoints 1 to 4
0x01E0 0404
INTRRX
Interrupt Register for Receive Endpoints 1 to 4
0x01E0 0406
INTRTXE
Interrupt enable register for INTRTX
0x01E0 0408
INTRRXE
Interrupt Enable Register for INTRRX
0x01E0 040A
INTRUSB
Interrupt Register for Common USB Interrupts
0x01E0 040B
INTRUSBE
Interrupt Enable Register for INTRUSB
0x01E0 040C
FRAME
Frame Number Register
0x01E0 040E
INDEX
Index Register for Selecting the Endpoint Status and Control Registers
0x01E0 040F
TESTMODE
Register to Enable the USB 2.0 Test Modes
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
179
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com