Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 182 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 182 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 178Page - Texas Instruments AM1808AZCED3 Datasheet HTML 179Page - Texas Instruments AM1808AZCED3 Datasheet HTML 180Page - Texas Instruments AM1808AZCED3 Datasheet HTML 181Page - Texas Instruments AM1808AZCED3 Datasheet HTML 182Page - Texas Instruments AM1808AZCED3 Datasheet HTML 183Page - Texas Instruments AM1808AZCED3 Datasheet HTML 184Page - Texas Instruments AM1808AZCED3 Datasheet HTML 185Page - Texas Instruments AM1808AZCED3 Datasheet HTML 186Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 264 page
background image
AM1808
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
Table 6-90. Universal Serial Bus OTG (USB0) Registers (continued)
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x01E0 04A2
TXHUBADDR
Address of the hub that has to be accessed through the associated Transmit Endpoint. This is
used only when full speed or low speed device is connected via a USB2.0 high-speed hub.
0x01E0 04A3
TXHUBPORT
Port of the hub that has to be accessed through the associated Transmit Endpoint. This is used
only when full speed or low speed device is connected via a USB2.0 high-speed hub.
0x01E0 04A4
RXFUNCADDR
Address of the target function that has to be accessed through the associated Receive
Endpoint.
0x01E0 04A6
RXHUBADDR
Address of the hub that has to be accessed through the associated Receive Endpoint. This is
used only when full speed or low speed device is connected via a USB2.0 high-speed hub.
0x01E0 04A7
RXHUBPORT
Port of the hub that has to be accessed through the associated Receive Endpoint. This is used
only when full speed or low speed device is connected via a USB2.0 high-speed hub.
Control and Status Register for Endpoint 0
0x01E0 0502
PERI_CSR0
Control Status Register for Endpoint 0 in Peripheral Mode
HOST_CSR0
Control Status Register for Endpoint 0 in Host Mode
0x01E0 0508
COUNT0
Number of Received Bytes in Endpoint 0 FIFO
0x01E0 050A
HOST_TYPE0
Defines the Speed of Endpoint 0
0x01E0 050B
HOST_NAKLIMIT0
Sets the NAK Response Timeout on Endpoint 0
0x01E0 050F
CONFIGDATA
Returns details of core configuration.
Control and Status Register for Endpoint 1
0x01E0 0510
TXMAXP
Maximum Packet Size for Peripheral/Host Transmit Endpoint
0x01E0 0512
PERI_TXCSR
Control Status Register for Peripheral Transmit Endpoint (peripheral mode)
HOST_TXCSR
Control Status Register for Host Transmit Endpoint
(host mode)
0x01E0 0514
RXMAXP
Maximum Packet Size for Peripheral/Host Receive Endpoint
0x01E0 0516
PERI_RXCSR
Control Status Register for Peripheral Receive Endpoint (peripheral mode)
HOST_RXCSR
Control Status Register for Host Receive Endpoint
(host mode)
0x01E0 0518
RXCOUNT
Number of Bytes in Host Receive endpoint FIFO
0x01E0 051A
HOST_TXTYPE
Sets the operating speed, transaction protocol and peripheral endpoint number for the host
Transmit endpoint.
0x01E0 051B
HOST_TXINTERVAL
Sets the polling interval for Interrupt/ISOC transactions or the NAK response timeout on Bulk
transactions for host Transmit endpoint.
0x01E0 051C
HOST_RXTYPE
Sets the operating speed, transaction protocol and peripheral endpoint number for the host
Receive endpoint.
0x01E0 051D
HOST_RXINTERVAL Sets the polling interval for Interrupt/ISOC transactions or the NAK response timeout on Bulk
transactions for host Receive endpoint.
Control and Status Register for Endpoint 2
0x01E0 0520
TXMAXP
Maximum Packet Size for Peripheral/Host Transmit Endpoint
0x01E0 0522
PERI_TXCSR
Control Status Register for Peripheral Transmit Endpoint (peripheral mode)
HOST_TXCSR
Control Status Register for Host Transmit Endpoint
(host mode)
0x01E0 0524
RXMAXP
Maximum Packet Size for Peripheral/Host Receive Endpoint
0x01E0 0526
PERI_RXCSR
Control Status Register for Peripheral Receive Endpoint (peripheral mode)
HOST_RXCSR
Control Status Register for Host Receive Endpoint
(host mode)
0x01E0 0528
RXCOUNT
Number of Bytes in Host Receive endpoint FIFO
0x01E0 052A
HOST_TXTYPE
Sets the operating speed, transaction protocol and peripheral endpoint number for the host
Transmit endpoint.
0x01E0 052B
HOST_TXINTERVAL
Sets the polling interval for Interrupt/ISOC transactions or the NAK response timeout on Bulk
transactions for host Transmit endpoint.
0x01E0 052C
HOST_RXTYPE
Sets the operating speed, transaction protocol and peripheral endpoint number for the host
Receive endpoint.
182
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com