Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 186 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 186 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 182Page - Texas Instruments AM1808AZCED3 Datasheet HTML 183Page - Texas Instruments AM1808AZCED3 Datasheet HTML 184Page - Texas Instruments AM1808AZCED3 Datasheet HTML 185Page - Texas Instruments AM1808AZCED3 Datasheet HTML 186Page - Texas Instruments AM1808AZCED3 Datasheet HTML 187Page - Texas Instruments AM1808AZCED3 Datasheet HTML 188Page - Texas Instruments AM1808AZCED3 Datasheet HTML 189Page - Texas Instruments AM1808AZCED3 Datasheet HTML 190Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 264 page
background image
AM1808
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
6.21 Universal Serial Bus Host Controller (USB1) [USB1.1 OHCI]
All the USB interfaces for this device are compliant with Universal Serial Bus Specifications, Revision 1.1.
Table 6-92 is the list of USB Host Controller registers.
Table 6-92. USB Host Controller Registers
USB1
ACRONYM
REGISTER DESCRIPTION
BYTE ADDRESS
0x01E2 5000
HCREVISION
OHCI Revision Number Register
0x01E2 5004
HCCONTROL
HC Operating Mode Register
0x01E2 5008
HCCOMMANDSTATUS
HC Command and Status Register
0x01E2 500C
HCINTERRUPTSTATUS
HC Interrupt and Status Register
0x01E2 5010
HCINTERRUPTENABLE
HC Interrupt Enable Register
0x01E2 5014
HCINTERRUPTDISABLE
HC Interrupt Disable Register
0x01E2 5018
HCHCCA
HC HCAA Address Register(1)
0x01E2 501C
HCPERIODCURRENTED
HC Current Periodic Register(1)
0x01E2 5020
HCCONTROLHEADED
HC Head Control Register(1)
0x01E2 5024
HCCONTROLCURRENTED
HC Current Control Register(1)
0x01E2 5028
HCBULKHEADED
HC Head Bulk Register(1)
0x01E2 502C
HCBULKCURRENTED
HC Current Bulk Register(1)
0x01E2 5030
HCDONEHEAD
HC Head Done Register(1)
0x01E2 5034
HCFMINTERVAL
HC Frame Interval Register
0x01E2 5038
HCFMREMAINING
HC Frame Remaining Register
0x01E2 503C
HCFMNUMBER
HC Frame Number Register
0x01E2 5040
HCPERIODICSTART
HC Periodic Start Register
0x01E2 5044
HCLSTHRESHOLD
HC Low-Speed Threshold Register
0x01E2 5048
HCRHDESCRIPTORA
HC Root Hub A Register
0x01E2 504C
HCRHDESCRIPTORB
HC Root Hub B Register
0x01E2 5050
HCRHSTATUS
HC Root Hub Status Register
0x01E2 5054
HCRHPORTSTATUS1
HC Port 1 Status and Control Register(2)
0x01E2 5058
HCRHPORTSTATUS2
HC Port 2 Status and Control Register(3)
(1)
Restrictions apply to the physical addresses used in these registers.
(2)
Connected to the integrated USB1.1 phy pins (USB1_DM, USB1_DP).
(3)
Although the controller implements two ports, the second port cannot be used.
Table 6-93. Switching Characteristics Over Recommended Operating Conditions for USB1 [USB1.1]
1.3V, 1.2V, 1.1V, 1.0V
NO.
PARAMETER
LOW SPEED
FULL SPEED
UNIT
MIN
MAX
MAX
MAX
U1
tr
Rise time, USB.DP and USB.DM signals(1)
75(1)
300(1)
4(1)
20(1)
ns
U2
tf
Fall time, USB.DP and USB.DM signals(1)
75(1)
300(1)
4(1)
20(1)
ns
U3
tRFM
Rise/Fall time matching(2)
80(2)
120(2)
90(2)
110(2)
%
U4
VCRS
Output signal cross-over voltage(1)
1.3(1)
2(1)
1.3(1)
2(1)
V
U5
tj
Differential propagation jitter(3)
-25(3)
25(3)
-2(3)
2(3)
ns
U6
fop
Operating frequency(4)
1.5
12
MHz
(1)
Low Speed: CL = 200 pF. High Speed: CL = 50pF
(2)
tRFM =( tr/tf ) x 100
(3)
t jr = t px(1) - tpx(0)
(4)
fop = 1/tper
186
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com