Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 188 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 188 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 184Page - Texas Instruments AM1808AZCED3 Datasheet HTML 185Page - Texas Instruments AM1808AZCED3 Datasheet HTML 186Page - Texas Instruments AM1808AZCED3 Datasheet HTML 187Page - Texas Instruments AM1808AZCED3 Datasheet HTML 188Page - Texas Instruments AM1808AZCED3 Datasheet HTML 189Page - Texas Instruments AM1808AZCED3 Datasheet HTML 190Page - Texas Instruments AM1808AZCED3 Datasheet HTML 191Page - Texas Instruments AM1808AZCED3 Datasheet HTML 192Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 264 page
background image
AM1808
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
Table 6-94. Ethernet Media Access Controller (EMAC) Registers (continued)
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x01E2 3140
RX0FREEBUFFER
Receive Channel 0 Free Buffer Count Register
0x01E2 3144
RX1FREEBUFFER
Receive Channel 1 Free Buffer Count Register
0x01E2 3148
RX2FREEBUFFER
Receive Channel 2 Free Buffer Count Register
0x01E2 314C
RX3FREEBUFFER
Receive Channel 3 Free Buffer Count Register
0x01E2 3150
RX4FREEBUFFER
Receive Channel 4 Free Buffer Count Register
0x01E2 3154
RX5FREEBUFFER
Receive Channel 5 Free Buffer Count Register
0x01E2 3158
RX6FREEBUFFER
Receive Channel 6 Free Buffer Count Register
0x01E2 315C
RX7FREEBUFFER
Receive Channel 7 Free Buffer Count Register
0x01E2 3160
MACCONTROL
MAC Control Register
0x01E2 3164
MACSTATUS
MAC Status Register
0x01E2 3168
EMCONTROL
Emulation Control Register
0x01E2 316C
FIFOCONTROL
FIFO Control Register
0x01E2 3170
MACCONFIG
MAC Configuration Register
0x01E2 3174
SOFTRESET
Soft Reset Register
0x01E2 31D0
MACSRCADDRLO
MAC Source Address Low Bytes Register
0x01E2 31D4
MACSRCADDRHI
MAC Source Address High Bytes Register
0x01E2 31D8
MACHASH1
MAC Hash Address Register 1
0x01E2 31DC
MACHASH2
MAC Hash Address Register 2
0x01E2 31E0
BOFFTEST
Back Off Test Register
0x01E2 31E4
TPACETEST
Transmit Pacing Algorithm Test Register
0x01E2 31E8
RXPAUSE
Receive Pause Timer Register
0x01E2 31EC
TXPAUSE
Transmit Pause Timer Register
0x01E2 3200 - 0x01E2 32FC
(see Table 6-95)
EMAC Statistics Registers
0x01E2 3500
MACADDRLO
MAC Address Low Bytes Register, Used in Receive Address Matching
0x01E2 3504
MACADDRHI
MAC Address High Bytes Register, Used in Receive Address Matching
0x01E2 3508
MACINDEX
MAC Index Register
0x01E2 3600
TX0HDP
Transmit Channel 0 DMA Head Descriptor Pointer Register
0x01E2 3604
TX1HDP
Transmit Channel 1 DMA Head Descriptor Pointer Register
0x01E2 3608
TX2HDP
Transmit Channel 2 DMA Head Descriptor Pointer Register
0x01E2 360C
TX3HDP
Transmit Channel 3 DMA Head Descriptor Pointer Register
0x01E2 3610
TX4HDP
Transmit Channel 4 DMA Head Descriptor Pointer Register
0x01E2 3614
TX5HDP
Transmit Channel 5 DMA Head Descriptor Pointer Register
0x01E2 3618
TX6HDP
Transmit Channel 6 DMA Head Descriptor Pointer Register
0x01E2 361C
TX7HDP
Transmit Channel 7 DMA Head Descriptor Pointer Register
0x01E2 3620
RX0HDP
Receive Channel 0 DMA Head Descriptor Pointer Register
0x01E2 3624
RX1HDP
Receive Channel 1 DMA Head Descriptor Pointer Register
0x01E2 3628
RX2HDP
Receive Channel 2 DMA Head Descriptor Pointer Register
0x01E2 362C
RX3HDP
Receive Channel 3 DMA Head Descriptor Pointer Register
0x01E2 3630
RX4HDP
Receive Channel 4 DMA Head Descriptor Pointer Register
0x01E2 3634
RX5HDP
Receive Channel 5 DMA Head Descriptor Pointer Register
0x01E2 3638
RX6HDP
Receive Channel 6 DMA Head Descriptor Pointer Register
0x01E2 363C
RX7HDP
Receive Channel 7 DMA Head Descriptor Pointer Register
0x01E2 3640
TX0CP
Transmit Channel 0 Completion Pointer Register
0x01E2 3644
TX1CP
Transmit Channel 1 Completion Pointer Register
0x01E2 3648
TX2CP
Transmit Channel 2 Completion Pointer Register
0x01E2 364C
TX3CP
Transmit Channel 3 Completion Pointer Register
0x01E2 3650
TX4CP
Transmit Channel 4 Completion Pointer Register
188
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com