Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 187 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 187 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 183Page - Texas Instruments AM1808AZCED3 Datasheet HTML 184Page - Texas Instruments AM1808AZCED3 Datasheet HTML 185Page - Texas Instruments AM1808AZCED3 Datasheet HTML 186Page - Texas Instruments AM1808AZCED3 Datasheet HTML 187Page - Texas Instruments AM1808AZCED3 Datasheet HTML 188Page - Texas Instruments AM1808AZCED3 Datasheet HTML 189Page - Texas Instruments AM1808AZCED3 Datasheet HTML 190Page - Texas Instruments AM1808AZCED3 Datasheet HTML 191Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 264 page
background image
AM1808
www.ti.com
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
6.22 Ethernet Media Access Controller (EMAC)
The Ethernet Media Access Controller (EMAC) provides an efficient interface between device and the
network. The EMAC supports both 10Base-T and 100Base-TX, or 10 Mbits/second (Mbps) and 100 Mbps
in either half- or full-duplex mode, with hardware flow control and quality of service (QOS) support.
The EMAC controls the flow of packet data from the device to the PHY. The MDIO module controls PHY
configuration and status monitoring.
Both the EMAC and the MDIO modules interface to the device through a custom interface that allows
efficient data transmission and reception. This custom interface is referred to as the EMAC control
module, and is considered integral to the EMAC/MDIO peripheral. The control module is also used to
multiplex and control interrupts.
6.22.1
EMAC Peripheral Register Description(s)
Table 6-94. Ethernet Media Access Controller (EMAC) Registers
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x01E2 3000
TXREV
Transmit Revision Register
0x01E2 3004
TXCONTROL
Transmit Control Register
0x01E2 3008
TXTEARDOWN
Transmit Teardown Register
0x01E2 3010
RXREV
Receive Revision Register
0x01E2 3014
RXCONTROL
Receive Control Register
0x01E2 3018
RXTEARDOWN
Receive Teardown Register
0x01E2 3080
TXINTSTATRAW
Transmit Interrupt Status (Unmasked) Register
0x01E2 3084
TXINTSTATMASKED
Transmit Interrupt Status (Masked) Register
0x01E2 3088
TXINTMASKSET
Transmit Interrupt Mask Set Register
0x01E2 308C
TXINTMASKCLEAR
Transmit Interrupt Clear Register
0x01E2 3090
MACINVECTOR
MAC Input Vector Register
0x01E2 3094
MACEOIVECTOR
MAC End Of Interrupt Vector Register
0x01E2 30A0
RXINTSTATRAW
Receive Interrupt Status (Unmasked) Register
0x01E2 30A4
RXINTSTATMASKED
Receive Interrupt Status (Masked) Register
0x01E2 30A8
RXINTMASKSET
Receive Interrupt Mask Set Register
0x01E2 30AC
RXINTMASKCLEAR
Receive Interrupt Mask Clear Register
0x01E2 30B0
MACINTSTATRAW
MAC Interrupt Status (Unmasked) Register
0x01E2 30B4
MACINTSTATMASKED
MAC Interrupt Status (Masked) Register
0x01E2 30B8
MACINTMASKSET
MAC Interrupt Mask Set Register
0x01E2 30BC
MACINTMASKCLEAR
MAC Interrupt Mask Clear Register
0x01E2 3100
RXMBPENABLE
Receive Multicast/Broadcast/Promiscuous Channel Enable Register
0x01E2 3104
RXUNICASTSET
Receive Unicast Enable Set Register
0x01E2 3108
RXUNICASTCLEAR
Receive Unicast Clear Register
0x01E2 310C
RXMAXLEN
Receive Maximum Length Register
0x01E2 3110
RXBUFFEROFFSET
Receive Buffer Offset Register
0x01E2 3114
RXFILTERLOWTHRESH Receive Filter Low Priority Frame Threshold Register
0x01E2 3120
RX0FLOWTHRESH
Receive Channel 0 Flow Control Threshold Register
0x01E2 3124
RX1FLOWTHRESH
Receive Channel 1 Flow Control Threshold Register
0x01E2 3128
RX2FLOWTHRESH
Receive Channel 2 Flow Control Threshold Register
0x01E2 312C
RX3FLOWTHRESH
Receive Channel 3 Flow Control Threshold Register
0x01E2 3130
RX4FLOWTHRESH
Receive Channel 4 Flow Control Threshold Register
0x01E2 3134
RX5FLOWTHRESH
Receive Channel 5 Flow Control Threshold Register
0x01E2 3138
RX6FLOWTHRESH
Receive Channel 6 Flow Control Threshold Register
0x01E2 313C
RX7FLOWTHRESH
Receive Channel 7 Flow Control Threshold Register
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
187
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com