Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 183 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 183 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 179Page - Texas Instruments AM1808AZCED3 Datasheet HTML 180Page - Texas Instruments AM1808AZCED3 Datasheet HTML 181Page - Texas Instruments AM1808AZCED3 Datasheet HTML 182Page - Texas Instruments AM1808AZCED3 Datasheet HTML 183Page - Texas Instruments AM1808AZCED3 Datasheet HTML 184Page - Texas Instruments AM1808AZCED3 Datasheet HTML 185Page - Texas Instruments AM1808AZCED3 Datasheet HTML 186Page - Texas Instruments AM1808AZCED3 Datasheet HTML 187Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 264 page
background image
AM1808
www.ti.com
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
Table 6-90. Universal Serial Bus OTG (USB0) Registers (continued)
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x01E0 052D
HOST_RXINTERVAL Sets the polling interval for Interrupt/ISOC transactions or the NAK response timeout on Bulk
transactions for host Receive endpoint.
Control and Status Register for Endpoint 3
0x01E0 0530
TXMAXP
Maximum Packet Size for Peripheral/Host Transmit Endpoint
0x01E0 0532
PERI_TXCSR
Control Status Register for Peripheral Transmit Endpoint (peripheral mode)
HOST_TXCSR
Control Status Register for Host Transmit Endpoint
(host mode)
0x01E0 0534
RXMAXP
Maximum Packet Size for Peripheral/Host Receive Endpoint
0x01E0 0536
PERI_RXCSR
Control Status Register for Peripheral Receive Endpoint (peripheral mode)
HOST_RXCSR
Control Status Register for Host Receive Endpoint
(host mode)
0x01E0 0538
RXCOUNT
Number of Bytes in Host Receive endpoint FIFO
0x01E0 053A
HOST_TXTYPE
Sets the operating speed, transaction protocol and peripheral endpoint number for the host
Transmit endpoint.
0x01E0 053B
HOST_TXINTERVAL
Sets the polling interval for Interrupt/ISOC transactions or the NAK response timeout on Bulk
transactions for host Transmit endpoint.
0x01E0 053C
HOST_RXTYPE
Sets the operating speed, transaction protocol and peripheral endpoint number for the host
Receive endpoint.
0x01E0 053D
HOST_RXINTERVAL Sets the polling interval for Interrupt/ISOC transactions or the NAK response timeout on Bulk
transactions for host Receive endpoint.
Control and Status Register for Endpoint 4
0x01E0 0540
TXMAXP
Maximum Packet Size for Peripheral/Host Transmit Endpoint
0x01E0 0542
PERI_TXCSR
Control Status Register for Peripheral Transmit Endpoint (peripheral mode)
HOST_TXCSR
Control Status Register for Host Transmit Endpoint
(host mode)
0x01E0 0544
RXMAXP
Maximum Packet Size for Peripheral/Host Receive Endpoint
0x01E0 0546
PERI_RXCSR
Control Status Register for Peripheral Receive Endpoint (peripheral mode)
HOST_RXCSR
Control Status Register for Host Receive Endpoint
(host mode)
0x01E0 0548
RXCOUNT
Number of Bytes in Host Receive endpoint FIFO
0x01E0 054A
HOST_TXTYPE
Sets the operating speed, transaction protocol and peripheral endpoint number for the host
Transmit endpoint.
0x01E0 054B
HOST_TXINTERVAL
Sets the polling interval for Interrupt/ISOC transactions or the NAK response timeout on Bulk
transactions for host Transmit endpoint.
0x01E0 054C
HOST_RXTYPE
Sets the operating speed, transaction protocol and peripheral endpoint number for the host
Receive endpoint.
0x01E0 054D
HOST_RXINTERVAL Sets the polling interval for Interrupt/ISOC transactions or the NAK response timeout on Bulk
transactions for host Receive endpoint.
DMA Registers
0x01E0 1000
DMAREVID
DMA Revision Register
0x01E0 1004
TDFDQ
DMA Teardown Free Descriptor Queue Control Register
0x01E0 1008
DMAEMU
DMA Emulation Control Register
0x01E0 1800
TXGCR[0]
Transmit Channel 0 Global Configuration Register
0x01E0 1808
RXGCR[0]
Receive Channel 0 Global Configuration Register
0x01E0 180C
RXHPCRA[0]
Receive Channel 0 Host Packet Configuration Register A
0x01E0 1810
RXHPCRB[0]
Receive Channel 0 Host Packet Configuration Register B
0x01E0 1820
TXGCR[1]
Transmit Channel 1 Global Configuration Register
0x01E0 1828
RXGCR[1]
Receive Channel 1 Global Configuration Register
0x01E0 182C
RXHPCRA[1]
Receive Channel 1 Host Packet Configuration Register A
0x01E0 1830
RXHPCRB[1]
Receive Channel 1 Host Packet Configuration Register B
0x01E0 1840
TXGCR[2]
Transmit Channel 2 Global Configuration Register
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
183
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com