Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 181 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 181 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 177Page - Texas Instruments AM1808AZCED3 Datasheet HTML 178Page - Texas Instruments AM1808AZCED3 Datasheet HTML 179Page - Texas Instruments AM1808AZCED3 Datasheet HTML 180Page - Texas Instruments AM1808AZCED3 Datasheet HTML 181Page - Texas Instruments AM1808AZCED3 Datasheet HTML 182Page - Texas Instruments AM1808AZCED3 Datasheet HTML 183Page - Texas Instruments AM1808AZCED3 Datasheet HTML 184Page - Texas Instruments AM1808AZCED3 Datasheet HTML 185Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 264 page
background image
AM1808
www.ti.com
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
Table 6-90. Universal Serial Bus OTG (USB0) Registers (continued)
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x01E0 0480
TXFUNCADDR
Address of the target function that has to be accessed through the associated Transmit
Endpoint.
0x01E0 0482
TXHUBADDR
Address of the hub that has to be accessed through the associated Transmit Endpoint. This is
used only when full speed or low speed device is connected via a USB2.0 high-speed hub.
0x01E0 0483
TXHUBPORT
Port of the hub that has to be accessed through the associated Transmit Endpoint. This is used
only when full speed or low speed device is connected via a USB2.0 high-speed hub.
0x01E0 0484
RXFUNCADDR
Address of the target function that has to be accessed through the associated Receive
Endpoint.
0x01E0 0486
RXHUBADDR
Address of the hub that has to be accessed through the associated Receive Endpoint. This is
used only when full speed or low speed device is connected via a USB2.0 high-speed hub.
0x01E0 0487
RXHUBPORT
Port of the hub that has to be accessed through the associated Receive Endpoint. This is used
only when full speed or low speed device is connected via a USB2.0 high-speed hub.
Target Endpoint 1 Control Registers, Valid Only in Host Mode
0x01E0 0488
TXFUNCADDR
Address of the target function that has to be accessed through the associated Transmit
Endpoint.
0x01E0 048A
TXHUBADDR
Address of the hub that has to be accessed through the associated Transmit Endpoint. This is
used only when full speed or low speed device is connected via a USB2.0 high-speed hub.
0x01E0 048B
TXHUBPORT
Port of the hub that has to be accessed through the associated Transmit Endpoint. This is used
only when full speed or low speed device is connected via a USB2.0 high-speed hub.
0x01E0 048C
RXFUNCADDR
Address of the target function that has to be accessed through the associated Receive
Endpoint.
0x01E0 048E
RXHUBADDR
Address of the hub that has to be accessed through the associated Receive Endpoint. This is
used only when full speed or low speed device is connected via a USB2.0 high-speed hub.
0x01E0 048F
RXHUBPORT
Port of the hub that has to be accessed through the associated Receive Endpoint. This is used
only when full speed or low speed device is connected via a USB2.0 high-speed hub.
Target Endpoint 2 Control Registers, Valid Only in Host Mode
0x01E0 0490
TXFUNCADDR
Address of the target function that has to be accessed through the associated Transmit
Endpoint.
0x01E0 0492
TXHUBADDR
Address of the hub that has to be accessed through the associated Transmit Endpoint. This is
used only when full speed or low speed device is connected via a USB2.0 high-speed hub.
0x01E0 0493
TXHUBPORT
Port of the hub that has to be accessed through the associated Transmit Endpoint. This is used
only when full speed or low speed device is connected via a USB2.0 high-speed hub.
0x01E0 0494
RXFUNCADDR
Address of the target function that has to be accessed through the associated Receive
Endpoint.
0x01E0 0496
RXHUBADDR
Address of the hub that has to be accessed through the associated Receive Endpoint. This is
used only when full speed or low speed device is connected via a USB2.0 high-speed hub.
0x01E0 0497
RXHUBPORT
Port of the hub that has to be accessed through the associated Receive Endpoint. This is used
only when full speed or low speed device is connected via a USB2.0 high-speed hub.
Target Endpoint 3 Control Registers, Valid Only in Host Mode
0x01E0 0498
TXFUNCADDR
Address of the target function that has to be accessed through the associated Transmit
Endpoint.
0x01E0 049A
TXHUBADDR
Address of the hub that has to be accessed through the associated Transmit Endpoint. This is
used only when full speed or low speed device is connected via a USB2.0 high-speed hub.
0x01E0 049B
TXHUBPORT
Port of the hub that has to be accessed through the associated Transmit Endpoint. This is used
only when full speed or low speed device is connected via a USB2.0 high-speed hub.
0x01E0 049C
RXFUNCADDR
Address of the target function that has to be accessed through the associated Receive
Endpoint.
0x01E0 049E
RXHUBADDR
Address of the hub that has to be accessed through the associated Receive Endpoint. This is
used only when full speed or low speed device is connected via a USB2.0 high-speed hub.
0x01E0 049F
RXHUBPORT
Port of the hub that has to be accessed through the associated Receive Endpoint. This is used
only when full speed or low speed device is connected via a USB2.0 high-speed hub.
Target Endpoint 4 Control Registers, Valid Only in Host Mode
0x01E0 04A0
TXFUNCADDR
Address of the target function that has to be accessed through the associated Transmit
Endpoint.
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
181
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com